Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 44 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 44 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology UCS81003 Datasheet HTML 43Page - Microchip Technology UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology UCS81003 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 108 page
background image
UCS81003
DS20005334A-page 44
 2014 Microchip Technology Inc.
4.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS81003 will accept that the currently applied
profile is the correct charger emulation profile for
the
attached
portable
device.
Charging
commences. The voltages applied to the DPOUT
and DMOUT pins will remain in place (unless
EM_RESP is set to 0b). The UCS81003 will
begin operating in Trip mode or CC mode, as
determined by the IBUS_R2MIN setting (see
Section 10.14 “Current Limiting Behavior
Configuration Registers”).
5.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS81003 will stop the currently
applied charger emulation profile. This will
cause all voltages put onto the DPOUT and
DMOUT pins to be removed. Emulation reset
occurs, and the UCS81003 will initiate the next
charger emulation profile.
Additionally, the user may “build” a charger emulation
profile by determining the voltage and resistance
characteristics that are placed on each of the DPOUT
and DMOUT pins. See Section 9.12 “Custom Charger
Emulation Profile”.
9.11.3
LEGACY 3 CHARGER
EMULATION PROFILE
The Legacy 3 Charger Emulation Profile does the
following:
1.
The
UCS81003
will
connect
a
resistor
(RDCP_RES) between DPOUT and DMOUT.
2.
VBUS is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires
(enabled by default), the UCS81003 will accept
that this is the correct charger emulation profile
for the attached portable device. Charging
commences. The resistive short between the
DPOUT and DMOUT pins will be left in place.
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS81003 will stop the Legacy 3
Charger Emulation. This will cause resistive
short between the DPOUT and DMOUT pins to be
removed. Emulation reset occurs, and the
UCS81003
will
initiate
the
next
charger
emulation profile.
9.11.4
LEGACY 6 CHARGER
EMULATION PROFILE
The Legacy 6 Charger Emulation Profile does the
following:
1.
The UCS81003 will apply a voltage on the
DPOUT pin using a voltage divider between VBUS
and ground with the center tap on the DPOUT pin.
2.
VBUS voltage is applied.
3.
If the portable device draws more than IBUS_CHG
current when the tEM_TIMEOUT timer expires, the
UCS81003 will accept that Legacy 6 is the
correct charger emulation profile for the attached
portable device. Charging commences. The
voltage applied to the DPOUT pin will remain in
place (unless EM_RESP is set to 0b). The
UCS81003 will begin operating in Trip mode or
CC mode, as determined by the IBUS_R2MIN
setting (see Section 10.14 “Current Limiting
Behavior Configuration Registers”).
4.
If the portable device does not draw more than
IBUS_CHG current when tEM_TIMEOUT timer
expires, the UCS81003 will stop the Legacy 6
Charger Emulation Profile. This will cause the
voltage put onto the DPOUT pin to be removed.
Emulation reset occurs, and the UCS81003 will
initiate the next charger emulation profile.
9.12
Custom Charger Emulation Profile
The UCS81003 allows the user to create a Custom
Charger emulation profile to handshake as any type of
charger. This profile can be included in the DCE Cycle.
In addition, it can be placed first or last in the profile
sequence in the DCE Cycle. See Register 10-35.
The Custom charger emulation profile uses a number
of registers to define stimuli and behaviors. The
Custom Charger emulation profile uses three separate
stimulus/response pairs that will be detected and
applied in sequence, allowing flexibility to “build” any of
the preloaded emulation profiles, or tailor the profile to
match a specific charger application.
For details, see Application Note 24.14 – “UCS1002
Fundamentals of Custom Charger Emulation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com