Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 33 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 33 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 33
UCS81003
7.0
USB PORT POWER SWITCH
To
assure
compliance
to
various
charging
specifications, the UCS81003 contains a USB port
power switch that supports two current-limiting modes:
Trip and Constant Current (variable slope). The current
limit (ILIM) is pin selectable (and may be updated via the
register set). The switch also includes soft start circuitry
and a separate short-circuit current limit.
The port power switch is on in the Active state (except
when VBUS is discharging).
7.1
Current Limiting
7.1.1
CURRENT LIMIT SETTING
The UCS81003 hardware set current limit (ILIM), can be
one of eight values (see Table 11-1). This resistor value
is read once upon UCS81003 power-up. The current
limit can be changed via the SMBus/I2C after power-
up; however, the programmed current limit cannot
exceed the hardware set current limit.
At power-up, the communication mode (Stand-Alone or
SMBus/I2C) and hardware current limit (ILIM) are
determined via the pull-down resistor (or pull-up
resistor, if connected to VDD) on the COMM_SEL/ILIM
pin, as shown in Table 11-1.
7.1.2
SHORT CIRCUIT OUTPUT
CURRENT LIMITING
Short circuit current limiting occurs when the output
current is above the selectable current limit (ILIMx). This
event will be detected and the current will immediately
be limited (within tSHORT_LIM time). If the condition
remains, the port power switch will flag an Error
condition and enter the Error state (see Section 5.1.5
“Error State Operation”).
7.1.3
SOFT START
When the PWR_EN control changes states to enable
the port power switch, or an Attach Detection event
occurs in the Detect power state and the PWR_EN
control is already enabled, the UCS81003 invokes a
soft start routine for the duration of the VBUS rise time
(tR_BUS). This soft start routine will limit current flow
from VS into VBUS while it is active. This circuitry will
prevent current spikes due to a step in the portable
device current draw.
In the case when a portable device is attached while the
PWR_EN pin is already enabled, if the bus current
exceeds ILIM, the UCS81003 current limiter will respond
within a specified time (tSHORT_LIM) and will operate
normally at this point. The CBUS capacitor will deliver
the extra current, if any, as required by the load change.
7.1.4
CURRENT-LIMITING MODES
The UCS81003 current limiting has two modes: Trip
and Constant Current (variable slope). Either mode
functions at all times when the port power switch is
closed. The current limiting mode used depends on the
Active state mode (see Section 9.9 “Current Limit
Mode Associations”). When operating in the Detect
power
state
(see
Section 5.1.3
“Detect
State
Operation”), the current capacity at VBUS is limited to
IBUS_BYP as described in Section 8.2 “VBUS Bypass
Switch”.
7.1.4.1
Trip Mode
When using Trip Current Limiting, the UCS81003 USB
port power switch functions as a low-resistance switch
and rapidly turns off if the current limit is exceeded.
While operating using Trip Current Limiting, the VBUS
output voltage will be held relatively constant (equal to
the VS voltage minus the RON xIBUS current) for all
current values up to the ILIM.
If the current drawn by a portable device exceeds ILIM,
the following occurs:
1.
The port power switch will be turned off (Trip
action).
2.
The UCS81003 will enter the Error state and
assert the ALERT# pin.
3.
The fault handling circuitry will then determine
subsequent actions.
Trip Current Limiting is used by default when the
UCS81003 is in Data Pass-Through and Dedicated
Charger Emulation Cycle (except when the BC1.2 DCP
charger emulation profile is accepted), and when
there’s no handshake. This method is also used when
charger emulation is active.
7.1.4.2
Constant Current Limiting
(Variable Slope)
Constant Current Limiting is used when a portable
device handshakes using the BC1.2 DCP charger
emulation profile and the current drawn is greater than
ILIM (and ILIM < 1.68A). It is also used in BC1.2 CDP
mode and during the DCE Cycle when a charger emu-
lation profile is being applied and the emulation timeout
is active.
In CC mode, the port power switch allows the attached
portable device to reduce VBUS output voltage to less
than the input VS voltage while maintaining current
delivery. The V/I slope depends on the user set ILIM
value. This slope is held constant for a given ILIM value.
Note:
To avoid cycling in Trip mode, set ILIM
higher than the highest expected portable
device current draw.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com