Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 49 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 49 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology UCS81003 Datasheet HTML 48Page - Microchip Technology UCS81003 Datasheet HTML 49Page - Microchip Technology UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology UCS81003 Datasheet HTML 52Page - Microchip Technology UCS81003 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 49
UCS81003
REGISTER 10-2:
OTHER STATUS REGISTER (ADDRESS 0FH)
U-x
U-x
R-0
R-0
R-0
R-0
R-0
R-0
ALERT_PIN
ADET_PIN
CHG_ACT
EM_ACT
EM_STEP<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5
ALERT_PIN: Reflects the status of the ALERT# pin. This bit is set and cleared as the ALERT# pin
changes states.
1
=
ALERT# pin is asserted low
0
=
ALERT# pin is released
bit 4
ADET_PIN: Reflects the status of the A_DET# pin. When set, indicates that the A_DET# pin is asserted
low. This bit is set and cleared as the A_DET# pin changes states. (Note 1)
1
=
A_DET# pin is asserted low
0
=
A_DET# pin is released
bit 3
CHG_ACT: This bit is automatically set when IBUS > IBUS_CHG and cleared when IBUS < IBUS_CHG.
(Note 2)
1
=IBUS > IBUS_CHG
0
=IBUS < IBUS_CHG
bit 2
EM_ACT: Indicates that the UCS81003 is in the Active state and emulating. The actual profile that is
being applied is identified by PRE_EM_SEL<3:0> (see Section 10.12.1 “Applied Charger Emulation
Register”). This bit is set and cleared automatically. (Note 3)
1
=
Device is in Active state and emulating
0
=
Device is not emulating
bit 1-0
EM_STEP<1:0>: Indicates which stimulus / response pair is currently being applied by the charger emu-
lation profile as shown below. These bits are set and cleared automatically. Note that the Legacy charger
emulation profiles and the BC1.2 DCP charger emulation profile do not use Stimulus / Response Pair #3.
00
= None Applied. Waiting for current.
01
= Stimulus/Response #1
10
= Stimulus/Response #2
00
= Stimulus/Response #3 if applicable
Note 1:
If S0 is '1', PWR_EN is enabled, and VS is not present, the ADET_PIN bit will cycle if the current draw
exceeds the current capacity of the bypass switch.
2:
The CHG_ACT bit does not indicate that a portable device has accepted one of the charger emulation pro-
files. This bit will cycle during the Dedicated Charger Emulation Cycle.
3:
The EM_ACT bit does not indicate that a portable device has accepted one of the emulation profiles. This
bit will cycle during the Dedicated Charger Emulation Cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com