Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 68 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 68 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 64Page - Microchip Technology UCS81003 Datasheet HTML 65Page - Microchip Technology UCS81003 Datasheet HTML 66Page - Microchip Technology UCS81003 Datasheet HTML 67Page - Microchip Technology UCS81003 Datasheet HTML 68Page - Microchip Technology UCS81003 Datasheet HTML 69Page - Microchip Technology UCS81003 Datasheet HTML 70Page - Microchip Technology UCS81003 Datasheet HTML 71Page - Microchip Technology UCS81003 Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 108 page
background image
UCS81003
DS20005334A-page 68
 2014 Microchip Technology Inc.
bit 2-0
STIM1<2:0>: Determines the Stimulus 1 that is used as shown below. Note that the lower threshold for
the window comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting cannot
be used for the DMOUT port.
000
=VBUS voltage ready to be applied before port power switch is closed. Next stimulus will not wait
for this to be removed.
001
= DPOUT voltage is higher than the threshold (S1_TH).
010
= Window comparator. DPOUT voltage is lower than the threshold (S1_TH) and DPOUT voltage
higher than the fixed threshold.
011
=DMOUT voltage is higher than the threshold (S1_TH).
100
= Do not use.
101
= Do not use.
110
=DPOUT voltage is higher than the threshold (S1_TH).
111
=VBUS voltage is present after port power switch is closed. Next stimulus will not wait for this to
be removed.
REGISTER 10-25: PRELOADED EMULATION STIMULUS 1 CONFIGURATION 2 REGISTER
(ADDRESS 32H)
R-0
R-0
R-1
R-0
R-0
R-1
R-1
R-0
S1_R1MAG<3:0>
S1_R1<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
S1_R1MAG<3:0>:Determines the magnitude of the response to the stimulus. The bit decode changes meaning
based on which response was selected. Data written to any field that is identified as ‘do not use’ will not be accepted.
The data will not be updated and the settings will remain set at the previous value.
• For S1_R1 settings 0000 - 0011, the response is a voltage applied on DPOUT/DMOUT pins. The
S1_R1MAG bits specify the voltage relative to ground:
• For S1_R1 settings 0100, 0111, 1101 - 1111, the response is a resistor connected on DPOUT/DMOUT to
GND or VBUS. The S1_R1MAG bits specify the resistor value:
• For S1_R1 settings 0110, 1001, 1100, the response is a voltage divider applied from VBUS to GND with
“center” at DPOUT/DMOUT. The S1_R1MAG bits specify the minimum resistance of the voltage divider
(Sum of R1 + R2):
REGISTER 10-24: PRELOADED EMULATION STIMULUS 1 CONFIGURATION 1 REGISTER
(ADDRESS 31H) (CONTINUED)
0000
= Pull Down
0110
= 600 mV
1100
= 1800 mV
0001
=400 mV
0111
= 700 mV
1101
= 2000 mV
0010
=400 mV
1000
= 800 mV
1110
= 2200 mV
0011
=400 mV
1001
= 900 mV
1111
= Do not use
0100
=400 mV
1010
= 1400 mV
0101
=500 mV
1011
= 1600 mV
0000
=1.8 k
0110
=40 k
1100
=100 k
0001
=10 k
0111
=43 k
1101
=120 k
0010
=15 k
1000
=50 k
1110
=150 k
0011
=20 k
1001
=60 k
1111
= Do not use
0100
=25 k
1010
=75 k
0101
=30 k
1011
=80 k
0000
=93 k
0110
= 200 k
1100
=200 k
0001
=100 k
0111
= 200 k
1101
=200 k
0010
=125 k
1000
=93 k
1110
=200 k
0011
=150 k
1001
= 100 k
1111
= Do not use
0100
=200 k
1010
= 125 k
0101
=200 k
1011
= 150 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com