Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 22 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 22 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 18Page - Microchip Technology UCS81003 Datasheet HTML 19Page - Microchip Technology UCS81003 Datasheet HTML 20Page - Microchip Technology UCS81003 Datasheet HTML 21Page - Microchip Technology UCS81003 Datasheet HTML 22Page - Microchip Technology UCS81003 Datasheet HTML 23Page - Microchip Technology UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 108 page
background image
UCS81003
DS20005334A-page 22
 2014 Microchip Technology Inc.
ILIM
The IBUS current threshold used in current limiting. In Trip mode, when ILIM is reached, the
port power switch is opened. In Constant Current mode, when the current exceeds ILIM, oper-
ation continues at a reduced voltage and increased current; if VBUS voltage drops below
VBUS_MIN, the port power switch is opened.
Legacy
USB devices that require non-BC1.2 signatures be applied on the DPOUT and DMOUT pins to
enable charging.
OCL
Overcurrent limit
POR
Power-on Reset
Portable Device
USB device attached to the USB port.
Power Thief
A USB device that does not follow the handshaking conventions of a BC1.2 device or Legacy
devices and draws current immediately upon receiving power (i.e., a USB book light, portable
fan, etc).
Removal Detection
A Removal Detection event occurs when the current load on the VBUS pin drops to less than
IREM_QUAL for longer than tREM_QUAL.
Removal
The physical removal of a portable device from a USB port that the UCS81003 is controlling.
Response
An action, usually in response to a stimulus, in charger emulation performed by the
UCS81003 device via the USB data lines.
SDP or USB-IF SDP
Standard downstream port. The combination of the UCS81003 high-speed switch being
closed with an upstream USB host present comprises a BC1.2 SDP. This enables a BC1.2
compliant portable device to simultaneously draw current up to 0.5A while data communica-
tion is active.
Signature
Application of a charger emulation profile without waiting for a response. One-way communi-
cation from the UCS81003 to the portable device.
Stand-Alone Mode
Indicates that the communications protocol is not active and all communications between the
UCS81003 and a controller are done via the external pins only (M1, M2, EM_EN, PWR_EN,
S0 and LATCH as inputs, and ALERT# and A_DET# as outputs).
Stimulus
An event in charger emulation detected by the UCS81003 device via the USB data lines.
TABLE 4-1:
TERMS AND ABBREVIATIONS (CONTINUED)
Term/Abbreviation
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com