Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 27 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 27 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 23Page - Microchip Technology UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology UCS81003 Datasheet HTML 27Page - Microchip Technology UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 27
UCS81003
Table 5-2 shows the settings for the various power
states, except Off and Error. If VDD <VDD_TH, the
UCS81003 is in the Off state. To determine the mode of
operation in the Active state, see Table 9-1.
Note:
Using
configurations
not
listed
in
Table 5-2 is not recommended and may
produce undesirable results.
TABLE 5-2:
POWER STATES CONTROL SETTINGS
Power State
VS
PWR_EN
S0
M1, M2,
EM_EN
Portable
Device
Attached
Behavior
Sleep
n/a
disabled
0
Not set to Data
Pass-Through.
(Note 1)
n/a
• All switches disabled.
•VBUS will be near ground potential.
• The UCS81003 wakes to respond
to SMBus communications.
n/a
enabled
0
All = 0b
n/a
Detect
(see
Section 8.0
“Detect
State”
n/a
disabled
1
n/a
n/a
• High-Speed switch disabled (by
default).
• Port power switch disabled.
• Host-Controlled transition to
Active state (see Section 5.1.3.2
“Host-Controlled Transition
from Detect to Active”).
< VS_UVLO
enabled
1
All
 0b
n/a
> VS_UVLO
enabled
1
All
 0b
No
• High-Speed switch disabled (by
default).
• Automatic transition to Active
state when conditions met (see
Section 5.1.3.1 “Automatic
Transition from Detect to
Active”).
Active
(see
Section 9.0
“Active
State”)
> VS_UVLO
enabled
0
All
 0b
n/a
• High-Speed switch
enabled/disabled based on mode.
• Port power switch is on at all times.
• Attach and Removal Detection
disabled. See Note 2.
> VS_UVLO
enabled
1
All
 0b
Yes
• Port power switch is on.
• Removal Detection enabled.
Note 1:
In order to transition from Active State Data Pass-through mode into Sleep with these settings, change the
M1, M2 and EM_EN pins before changing the PWR_EN pin. See Section 9.4 “Data Pass-Through (No
Charger Emulation)”.
2:
If S0 = ’0’ and a portable device is not attached in DCE Cycle mode, the UCS81003 will be cycling through
charger emulation profiles (by default). There is no guarantee which charger emulation profile will be
applied first when a portable device attaches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com