Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 41 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 41 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology UCS81003 Datasheet HTML 43Page - Microchip Technology UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 41
UCS81003
The
UCS81003
will
respond
per
the
BC1.2
specification to the portable device initiated charger
renegotiation requests.
9.6.1
BC1.2 CDP CHARGER
EMULATION PROFILE
The BC1.2 CDP charger emulation profile acts in a
reactionary manner based on stimulus from the
portable device as described below and shown in
Figure 2-1.
1.
VBUS voltage is applied.
2.
Primary Detection - When the portable device
drives a voltage between 0.4V and 0.8V onto the
DPOUT pin, the UCS81003 will drive 0.6V onto
the DMOUT pin within 20 ms.
3.
When the portable device drives the DPOUT pin
back to ‘0’, the UCS81003 will then drive the
DMOUT pin back to ‘0’ within 20 ms.
4.
Optional Secondary Detection - If the portable
device then drives a voltage of 0.6V (nominal)
onto the DMOUT pin, the UCS81003 will take no
other action. This will cause the portable device
to observe a ‘0’ on the DPOUT pin and know that
it is connected to a CDP.
9.7
BC1.2 DCP
When BC1.2 DCP is selected as the Active mode,
UCS81003 will discharge VBUS and apply the BC1.2
DCP charger emulation profile per the specification. In
BC1.2
DCP
mode,
the
emulation
timeout
and
requirement for portable device current draw are
automatically disabled. When the BC1.2 DCP charger
emulation profile is applied within the Dedicated
Charger
Emulation
Cycle
(see
Section 9.11.3
“Legacy 3 Charger Emulation Profile”), the timeout
and current draw requirement are enabled.
If the portable device is charging after the DCP
charger emulation profile is applied, the UCS81003
will leave in place the resistive short, leave the high-
speed switch open and enable Constant Current
Limiting (variable slope).
9.7.1
BC1.2 DCP CHARGER
EMULATION PROFILE
The BC1.2 DCP charger emulation profile is described
as follows:
1.
VBUS voltage is applied. A resistor (RDCP_RES) is
connected between the DPOUT and DMOUT pins.
2.
Primary Detection - If the portable device drives
0.6V (nominal) onto the DPOUT pin, the
UCS81003 will take no other action than to
leave the resistor connected between DPOUT
and DMOUT. This will cause the portable device
to see 0.6V (nominal) on the DMOUT pin and
know that it is connected to a DCP.
3.
Optional Secondary Detection - If the portable
device drives 0.6V (nominal) onto the DMOUT
pin, the UCS81003 will take no other action than
to leave the resistor connected between DPOUT
and DMOUT. This will cause the portable device
to see 0.6V (nominal) on the DPOUT pin and
know that it is connected to a DCP.
9.8
Dedicated Charger
When commanded to Dedicated Charger Emulation
cycle mode, the UCS81003 enables an attached
portable device to enter its charging mode by applying
specific charger emulation profiles in a predefined
sequence. Using these profiles, the UCS81003 is
capable of generating and recognizing several signal
levels on the DPOUT and DMOUT pins. The preloaded
charger emulation profiles include ones compatible
with YD/T-1591 (2009), 12W charging, Samsung and
many RIM portable devices. Other levels, sequences
and protocols are configurable via the SMBus/I2C.
When a charger emulation profile is applied, a
programmable timer for the emulation profile is started.
When emulation timeout occurs, the UCS81003
checks the IBUS current against a programmable
threshold. If the current is above the threshold, the
charger
emulation
profile
is
accepted
and
the
associated current limiting mode is applied. No active
USB data communication is possible when charging in
this mode (by default - see Section 10.4.5 “High-
Speed Switch Configuration Register”).
Note 1: BC1.2 compliance testing may require
the S0 control to be set to ‘0’ (Attach and
Removal Detection feature disabled)
while testing is in progress.
2: When the UCS81003 is in BC1.2 CDP
mode and the Attach and Removal
Detection feature is enabled, if a power
thief (such as a USB light or fan) attaches
but does not assert DP pin, a Removal
event will not occur when the portable
device
is
removed.
However,
if
a
standard USB device is subsequently
attached, Removal Detection will again
be fully functional. As well, if PWR_EN is
cycled or M1, M2 and/or EM_EN change
state, a Removal event will occur and
Attach Detection will be reactivated.
Note:
All CDP handshaking is performed with
the high-speed switch closed.
Note:
BC1.2 compliance testing may require the
S0 control to be set to ‘0’ (Attach and
Removal
Detection
feature
disabled)
while testing is in progress.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com