Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 26 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 26 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 22Page - Microchip Technology UCS81003 Datasheet HTML 23Page - Microchip Technology UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology UCS81003 Datasheet HTML 27Page - Microchip Technology UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 108 page
background image
UCS81003
DS20005334A-page 26
 2014 Microchip Technology Inc.
Figure 5-4 shows a system configuration in which the
UCS81003 provides a port power switch, low-power
Attach Detection, charger emulation (with no USB host)
and portable device attachment detected signaling.
This configuration is useful for wall adapter-type
applications and cigarette-plug adapters.
FIGURE 5-4:
UCS81003 System Configuration (No SMBus, No USB Host, with Charger
Emulation).
5.1
UCS81003 Power States
The UCS81003 has the following power states:
UCS81003
LATCH
ALERT#
PWR_EN
3V
–5.5V
GND
Device
DPIN
DMIN
DPOUT
DMOUT
VDD
5V
VBUS1
VBUS2
VS1
VS2
S0
COMM_SEL/ILIM
3V
–5.5V
Auto-recovery
Upon Fault
Latch
Upon Fault
EM_EN
M1
M2
SEL
A_DET#
5V
CBUS
Disable
Detect State
Enable
Detect State
CIN
VBUS3
VS3
TABLE 5-1:
POWER STATES DESCRIPTION
State
Description
Off
This power state is entered when the voltage at the VDD pin voltage is < VDD_TH. In this state, the device
is considered “off”. The UCS81003 will not retain its digital states and register contents, nor respond to
SMBus/I2C communications. The port power switch, bypass switch and the high-speed data switches will
be off. See Section 5.1.1 “Off State Operation”.
Sleep
This is the lowest power state available. While in this state, the UCS81003 will retain digital functionality,
respond to changes in emulation controls and wake to respond to SMBus/I2C communications. The high-
speed switch and all other functionality will be disabled. See Section 5.1.2 “Sleep State Operation”.
Detect
This is a low-current power state. In this state, the device is actively looking for a portable device to be
attached. The high-speed switch is disabled by default. While in this state, the UCS81003 will retain the
configuration and charge rationing data, but it will not monitor the bus current. SMBus/I2C
communications will be fully functional. See Section 5.1.3 “Detect State Operation”.
Error
This power state is entered when a fault condition exists. See Section 5.1.5 “Error State Operation”.
Active
This power state provides full functionality. While in this state, operations include activation of the port
power switch, USB data line handshaking/charger emulation and current limiting and charge rationing.
See Section 5.1.4 “Active State Operation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com