Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 42 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 42 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology UCS81003 Datasheet HTML 43Page - Microchip Technology UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 108 page
background image
UCS81003
DS20005334A-page 42
 2014 Microchip Technology Inc.
9.8.1
EMULATION RESET
Prior to applying any of the charger emulation profiles,
the UCS81003 will perform an emulation reset. This
means that the UCS81003 resets the VBUS line by
disconnecting the port power switch and connecting
VBUS to ground via an internal 100 resistor for
tDISCHARGE time. The port power switch will be held
open for a time equal to tEM_RESET at which point the
port power switch will be closed and the VBUS voltage
applied. The DPOUT and DMOUT pins will be pulled low
using internal 15 k
 pull-down resistors.
9.8.2
EMULATION CYCLING
In Dedicated Charger Emulation Cycle mode, the
charger emulation profiles (if enabled) will be applied in
the following order:
1.
Legacy 1
2.
Legacy 2
3.
Legacy 3
4.
Legacy 4
5.
Legacy 5
6.
Legacy 6
7.
Legacy 7
8.
Custom (disabled by default). If the CS_FRST
configuration bit is set, then the Custom charger
emulation profile will be tested first and the order
will proceed as given.
If S0 = ’0’ and a portable device is not attached in DCE
Cycle mode, the UCS81003 will be cycling through
charger emulation profiles (by default). There is no
guarantee which charger emulation profile will be
applied first when a portable device attaches.
The UCS81003 will apply a charger emulation profile
until one of the following exit conditions occurs:
• Current greater than IBUS_CHG is detected flowing
out of VBUS at the respective emulation timeout
time. In this case, the profile is assumed to be
accepted and no other profiles will be applied.
• The respective emulation timeout (tEM_TIMEOUT)
time is reached without current that exceeds the
IBUS_CHG limit flowing out of VBUS (the emulation
timeout is enabled by default, see Section 10.4.2
“Emulation Configuration Register” and
Register 10-35). The profile is assumed to be
rejected, and the UCS81003 will perform
emulation reset and apply the next profile, if there
is one.
Emulation timeouts can be programmed for each
charger
emulation
profile
(see
Section 10.11
“Preloaded
Emulation
Timeout
Configuration
Registers” and Register 10-35).
9.8.3
DCE CYCLE RETRY
If none of the charger emulation profiles cause a
charge current to be drawn, the UCS81003 will perform
emulation reset and cycle through the profiles again (if
the EM_RETRY bit is set (default - see Section 10.4.2
“Emulation
Configuration
Register”).
The
UCS81003 will continue to cycle through the profiles as
long as charging current is not drawn and the PWR_EN
control is enabled. If the Emulation Retry is not
enabled, the UCS81003 will flag “No Handshake” and
end the DCE Cycle using Trip Current Limiting.
9.9
Current Limit Mode Associations
The UCS81003 will close the port power switch and
use the Current Limiting mode as shown in Table 9-2.
Note:
To help prevent possible damage to a
portable device, the DPOUT and DMOUT
pins have current limiting in place when
the emulation profiles are applied.
TABLE 9-2:
CURRENT LIMIT MODE OPTIONS
Active Mode
Current Limit Mode
(See Section 10.14 “Current Limiting Behavior
Configuration Registers”)
Data Pass-Through
Trip mode
BC1.2 SDP
Trip mode
BC1.2 CDP
CC mode if ILIM < 1.68A, otherwise, Trip mode
BC1.2 DCP
CC mode if ILIM < 1.68A, otherwise, Trip mode
DCE Cycle
During DCE Cycle when a charger emulation profile is
being applied and the emulation timeout is active
CC mode if ILIM < 1.68A, otherwise, Trip mode
Note 1:
As noted in the last three rows in Table 9-2, under those specific conditions with ILIM < 1.68A, it is the
relationship of ILIM and IBUS_R2MIN that determines the current limiting mode. In these cases, the value of
IBUS_R2MIN is determined by CS_R2_IMIN<2:0> bits 4-2 in the Custom Current Limiting Behavior
Configuration register - 51h (Register 10-49).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com