Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 82 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 82 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 78Page - Microchip Technology UCS81003 Datasheet HTML 79Page - Microchip Technology UCS81003 Datasheet HTML 80Page - Microchip Technology UCS81003 Datasheet HTML 81Page - Microchip Technology UCS81003 Datasheet HTML 82Page - Microchip Technology UCS81003 Datasheet HTML 83Page - Microchip Technology UCS81003 Datasheet HTML 84Page - Microchip Technology UCS81003 Datasheet HTML 85Page - Microchip Technology UCS81003 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
UCS81003
DS20005334A-page 82
 2014 Microchip Technology Inc.
bit 3-0
CS_S1_R1<3:0>: Defines the stimulus response as shown below:
0000
=
Remove previous response on DPOUT and DMOUT.
0001
=
Apply voltage on DPOUT (Note 1).
0010
=
Apply voltage on DMOUT (Note 2).
0011
=
Apply voltage on DPOUT and DMOUT.
0100
=
Connect resistor from DPOUT to GND (Note 1).
0101
=
Do not use.
0110
=
Connect voltage divider from VBUS to GND with “center” at DPOUT (Note 1).
0111
=
Connect resistor form DMOUT to GND (Note 2).
1000
=
Do not use.
1001
=
Connect voltage divider from VBUS to GND with “center” at DMOUT (Note 2).
1010
=
Connect
 200resistor from D
POUT to DMOUT.
1011
=
Do not use.
1100
=
Connect voltage divider from VBUS to GND with ‘center’ at DPOUT and DMOUT.
1101
=
Connect resistor from DPOUT to GND and DMOUT to GND.
1110
=
If CS_STIM1 = 000, the 15 k
pull down resistors applied to D
POUT and DMOUT during emu-
lation reset are not removed. If CS_STIM1 = 111, the 15 k
pull down resistors applied to
DPOUT and DMOUT during emulation reset are removed. For all other CS_STIM1 settings,
whatever was applied is not changed.
1111
= Same as 1110 case above.
Note 1:
If CS_STIM1<2:0> = 000b and no other response was applied to the DPOUT pin, the 15 k pull-down
resistor applied to the DPOUT pin during emulation reset is not removed. Otherwise, the previous response
is left on the DPOUT pin (if applicable) or the 15 k pull-down resistor is removed.
2:
If CS_STIM1<2:0> = 000b and no other response was applied to the DMOUT pin, the 15 k pull-down
resistor applied to the DMOUT pin during emulation reset is not removed. Otherwise, the previous response
is left on the DMOUT pin (if applicable) or the 15 k pull-down resistor is removed.
REGISTER 10-38: CUSTOM EMULATION STIMULUS 1 CONFIGURATION 3 REGISTER
(ADDRESS 43H)(Note 1)
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
CS_S1_PUPD<1:0>
CS_S1_TH<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5-4
CS_S1_PUPD<1:0>: Determines the magnitude of the pull-down current applied on the DPOUT and
DMOUT pins when the stimulus response is to apply a voltage and the voltage magnitude is set at pull-
down (0000b). The bit decode is given below.
00
=
10 µA
01
=
50 µA
10
=
100 µA
11
=
150 µA
REGISTER 10-37: CUSTOM EMULATION STIMULUS 1 CONFIGURATION 2 REGISTER
(ADDRESS 42H) (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com