Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 23 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 23 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 19Page - Microchip Technology UCS81003 Datasheet HTML 20Page - Microchip Technology UCS81003 Datasheet HTML 21Page - Microchip Technology UCS81003 Datasheet HTML 22Page - Microchip Technology UCS81003 Datasheet HTML 23Page - Microchip Technology UCS81003 Datasheet HTML 24Page - Microchip Technology UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology UCS81003 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 23
UCS81003
5.0
GENERAL DESCRIPTION
The UCS81003 provides a single USB port power
switch for precise control of up to 3.0A continuous
current with overcurrent limit (OCL), dynamic thermal
management, latch or auto-recovery fault handling,
selectable active-low or -high enable, under and
overvoltage lockout, and back-voltage protection.
Split supply support for VBUS and VDD is an option for
low power in system standby states.
In addition to power switching and current limiting, the
UCS81003
provides
automatic
and
configurable
charger emulation profiles to charge a wide variety of
portable devices, including USB-IF BC1.2 (CDP or
DCP modes), YD/T-1591 (2009), 12W charging, most
Apple and RIM portable devices and many others.
The UCS81003 also provides current monitoring to
allow intelligent management of system power and
charge rationing for controlled delivery of current
regardless of the host power state. This is especially
important for battery-operated applications that need to
provide power without excessively draining the battery,
or
that
require
power
allocation
depending
on
application activities.
Figure 5-1 shows a UCS81003 full-featured system
configuration in which the UCS81003 provides a port
power switch and low-power Attach Detection with
wake-up signaling (wake on USB). The current limit is
established at power-up. It can be lowered if required
after power-up via the SMBus/I2C. This configuration
also provides configurable USB data line-charger
emulation,
programmable
current
limiting
(as
determined by the accepted charger emulation profile),
active current monitoring and port charge rationing.
FIGURE 5-1:
UCS81003 System Configuration (with Charger Emulation, SMBus Control and USB
Host).
UCS81003
ALERT#
3V
–5.5V
Device
DPOUT
DMOUT
5V
VS1
VS2
A_DET#
5V Host
CBUS
USB Host
3V
–5.5V
EC
CIN
VDD
DPIN
DMIN
VDD
EM_EN
M1
M2
PWR_EN
SMDATA
SMCLK
SEL
COMM_SEL
/ILIM
GND
VDD
VS3
VBUS1
VBUS2
VBUS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com