Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 57 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 57 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 53Page - Microchip Technology UCS81003 Datasheet HTML 54Page - Microchip Technology UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 57
UCS81003
10.4.3
SWITCH CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 2
EM_RESP: Leave Emulation Response - Enables the Dedicated Charger Emulation Cycle mode to
hold the DPOUT and DMOUT stimulus response after the UCS81003 has finished emulation using the
Legacy, BC1.2 DCP, or Custom charger emulation profiles (Note 2).
1
=
If a portable device begins drawing charging current while the UCS81003 is applying the BC1.2
DCP, Custom or any of the Legacy charger emulation profiles during the DCE Cycle, the last
response applied will be kept in place until a Removal Detection event occurs, the internal tem-
perature exceeds the TREG value, or emulation is restarted. In the case of the BC1.2 DCP or Leg-
acy 3 charger emulation profiles, this will be the short (RDCP_RES). In the case of the Legacy 1,
Legacy 2 or Legacy 4 - 7 profiles, this will be the DPOUT and DMOUT pin voltages. If a portable
device does not draw charging current, the DCE Cycle will behave normally.
0
=
The dedicated emulation circuitry will behave normally. It will remove the short condition when the
tEM_TIMEOUT timer has expired, regardless if the portable device has drawn charging current or
not.
bit 1-0
EM_RESET_TIME<1:0>: Determines the length of the tEM_RESET time (see Section 9.8.1 “Emulation
Reset”) as shown below. The value selected does not include discharge time; however, this value plus
discharge result in the actual reset time.
00
=50 ms
01
=75 ms
10
=125 ms
11
=175 ms
Note
1:
If the EM_TO_DIS bit is set and the Legacy 2, Legacy 4 or Custom charger emulation profiles were accepted during the
DCE cycle, a removal is not detected. To avoid this issue, re-enable the emulation timeout after applying any test pro-
files and charging with the 'final' profile.
2:
If the HSW_DCE bit is set, the high-speed switch will be closed regardless of the status of the EM_RESP bit. Leaving
the emulation response applied will not allow normal USB traffic. Therefore, prior to setting the HSW_DCE bit, this bit
should be cleared.
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16H) (CONTINUED)
REGISTER 10-10: SWITCH CONFIGURATION REGISTER (ADDRESS 17H)
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
R/W-0
PIN_IGN
—
EM_EN_SET
M2_SET
M1_SET
S0_SET
PWR_ENS
LATCHS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
PIN_IGN: Ignores the M1, M2, PWR_EN and EM_EN pin states when determining the Active mode
selection and power state.
1
=
The Active mode selection and power state will be set by the individual control bits and not by the
M1, M2, PWR_EN and EM_EN pin states. These pin states are ignored.
0
=
The Active mode selection and power state will be set by the OR’d combination of the M1, M2,
PWR_EN and EM_EN pin states and the corresponding bit states.
bit 6
Unimplemented
bit 5
EM_EN_SET: In conjunction with other controls, determines the Active mode that is selected (see
Section 9.2 “Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the
EM_EN pin.
bit 4
M2_SET: In conjunction with other controls, determines the Active mode that is selected (see Section 9.2
“Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the M2 pin.
bit 3
M1_SET: In conjunction with other controls, determines the Active mode that is selected (see Section 9.2
“Active Mode Selection”) and power state (see Table 5-2). This bit is OR’d with the M1 pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com