Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 89 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 89 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 85Page - Microchip Technology UCS81003 Datasheet HTML 86Page - Microchip Technology UCS81003 Datasheet HTML 87Page - Microchip Technology UCS81003 Datasheet HTML 88Page - Microchip Technology UCS81003 Datasheet HTML 89Page - Microchip Technology UCS81003 Datasheet HTML 90Page - Microchip Technology UCS81003 Datasheet HTML 91Page - Microchip Technology UCS81003 Datasheet HTML 92Page - Microchip Technology UCS81003 Datasheet HTML 93Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 89
UCS81003
REGISTER 10-45: CUSTOM EMULATION STIMULUS 3 CONFIGURATION 2 REGISTER
(ADDRESS 4AH)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CS_S3_R3MAG<3:0>
CS_S3_R3<3:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
CS_S3_R3MAG<3:0>: Determines the magnitude of the response to the stimulus. The bit decode changes
meaning based on which response was selected. Data written to any field that is identified as “Do not use”
will not be accepted. The data will not be updated and the settings will remain set at the previous value.
• For CS_S3_R3 settings 0000 - 0011, the response is a voltage applied on DPOUT/DMOUT pins.
The CS_S3_R3MAG bits specify the voltage relative to ground:
• For CS_S3_R3 settings 0100, 0111, 1101 - 1111, the response is a resistor connected on
DPOUT/DMOUT to GND or VBUS. The CS_S3_R3MAG bits specify the resistor value:
• For CS_S3_R3 settings 0110, 1001, 1100, the response is a voltage divider applied from VBUS
to GND with “center” at DPOUT/DMOUT. The CS_S3_R3MAG bits specify the minimum resistance
of the voltage divider (Sum of R1 + R2):
0000
= Pull Down
0110
=600 mV
1100
= 1800 mV
0001
= 400 mV
0111
=700 mV
1101
= 2000 mV
0010
= 400 mV
1000
=800 mV
1110
= 2200 mV
0011
= 400 mV
1001
=900 mV
1111
= Do not use
0100
= 400 mV
1010
=1400 mV
0101
= 500 mV
1011
=1600 mV
0000
=1.8 k
0110
=40 k
1100
= 100 k
0001
=10 k
0111
=43 k
1101
= 120 k
0010
=15 k
1000
=50 k
1110
= 150 k
0011
=20 k
1001
=60 k
1111
= Do not use
0100
=25 k
1010
=75 k
0101
=30 k
1011
=80 k
0000
=93 k
0110
=200 k
1100
= 200 k
0001
= 100 k
0111
=200 k
1101
= 200 k
0010
= 125 k
1000
=93 k
1110
= 200 k
0011
= 150 k
1001
=100 k
1111
= Do not use
0100
= 200 k
1010
=125 k
0101
= 200 k
1011
=150 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com