Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 96 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 96 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 92Page - Microchip Technology UCS81003 Datasheet HTML 93Page - Microchip Technology UCS81003 Datasheet HTML 94Page - Microchip Technology UCS81003 Datasheet HTML 95Page - Microchip Technology UCS81003 Datasheet HTML 96Page - Microchip Technology UCS81003 Datasheet HTML 97Page - Microchip Technology UCS81003 Datasheet HTML 98Page - Microchip Technology UCS81003 Datasheet HTML 99Page - Microchip Technology UCS81003 Datasheet HTML 100Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 108 page
background image
UCS81003
DS20005334A-page 96
 2014 Microchip Technology Inc.
11.2.1
SYSTEM MANAGEMENT BUS
In SMBus mode, the UCS81003 communicates with a
host controller. The SMBus is a two-wire serial
communication protocol between a computer host and
its peripheral devices. A detailed timing diagram is
shown in Figure 11-1. Stretching of the SMCLK signal
is supported; however, the UCS81003 will not stretch
the clock signal.
FIGURE 11-1:
SMBus Timing Diagram.
11.2.1.1
SMBus Start Bit
The SMBus Start bit is defined as a transition of the
SMBus data line from a logic ‘1’ state to a logic ‘0’ state
while the SMBus clock line is in a logic ‘1’ state.
11.2.1.2
SMBus Address and RD/WR Bit
The SMBus Address Byte consists of the 7-bit client
address followed by the RD/WR indicator bit. If this
RD/WR bit is a logic ‘0’, the SMBus host is writing data
to the client device. If this RD/WR bit is a logic ‘1’, the
SMBus host is reading data from the client device.
The SMBus address is determined based on the resistor
connected on the SEL pin as shown in Table 11-2.
SMDATA
SMCLK
T
BUF
P
S
S - Start Condition
P - Stop Condition
P
S
THIGH
TLOW
T
HD:STA
T
SU:STO
T
HD:STA
T
HD:DAT
T
SU:DAT
T
SU:STA
T
FALL
T
RISE
Note:
If it is necessary to connect the SEL pin to
VDD via a resistor, the pull-up resistor may
be any value up to 100 k
.
TABLE 11-2:
SEL PIN DECODE
Resistor (±5%)
PWR_EN Polarity
SMBus Address
GND
Active Low
1010_111(r/w)
10 k
 pull-down
Active Low
1010_110(r/w)
12 k
 pull-down
Active Low
1010_101(r/w)
15 k
 pull-down
Active Low
1010_100(r/w)
18 k
 pull-down
Active Low
0110_000(r/w)
22 k
 pull-down
Active Low
0110_001(r/w)
27 k
 pull-down
Active Low
0110_010(r/w)
33 k
 pull-down
Active Low
0110_011(r/w)
47 k
 pull-down
Active High
0110_011(r/w)
56 k
 pull-down
Active High
0110_010(r/w)
68 k
 pull-down
Active High
0110_001(r/w)
82 k
 pull-down
Active High
0110_000(r/w)
100 k
 pull-down
Active High
1010_100(r/w)
120 k
 pull-down
Active High
1010_101(r/w)
150 k
 pull-down
Active High
1010_110(r/w)
VDD (If a pull-up resistor is used,
its value must not exceed 100 k
)
Active High
1010_111(r/w)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com