Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 9 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 9 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 5Page - Microchip Technology UCS81003 Datasheet HTML 6Page - Microchip Technology UCS81003 Datasheet HTML 7Page - Microchip Technology UCS81003 Datasheet HTML 8Page - Microchip Technology UCS81003 Datasheet HTML 9Page - Microchip Technology UCS81003 Datasheet HTML 10Page - Microchip Technology UCS81003 Datasheet HTML 11Page - Microchip Technology UCS81003 Datasheet HTML 12Page - Microchip Technology UCS81003 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 9
UCS81003
Port Power Switch - AC Parameters
Turn-On Delay
tON_PSW
—
0.75
—
ms
PWR_EN active toggle to
switch on time, VBUS discharge
not active.
Turn-Off Time
tOFF_PSW_INA
—
0.75
—
ms
PWR_EN inactive toggle to
switch off time
CBUS = 120 µF
Turn-Off Time
tOFF_PSW_ERR
—
1
—
ms
Overcurrent Error, VBUS Min
Error, or Discharge Error to
switch off, CBUS = 120 µF
Turn-Off Time
tOFF_PSW_ERR
—
100
—
ns
TSD or back-drive error to
switch off, CBUS = 120 µF
VBUS Output Rise Time
tR_BUS
—
1.1
—
ms
Measured from 10% to 90% of
VBUS, CLOAD = 220 µF,
ILIM = 1.0A
Soft Turn-On Rate
I
BUS/t
—100
—
mA/µs
Temperature Update Time
tDC_TEMP
—
200
—
ms
Programmable 200 - 1600 ms,
default listed
Short-Circuit Response
Time
tSHORT_LIM
—
1.5
—
µs
Time from detection of short to
current limit applied. No CBUS
applied.
Short-Circuit Detection
Time
tSHORT
—
6
—
ms
Time from detection of short to
port power switch disconnect
and ALERT# pin assertion.
Latched Mode Cycle Time
tUL
—
7
—
ms
From PWR_EN edge transition
from inactive to active to begin
error recovery.
Auto-Recovery Mode
Cycle Time
tCYCLE
—
25
—
ms
Time delay before error
condition check.
Programmable 10-25 ms,
default listed.
Auto-Recovery Delay
tRST
—
20
—
ms
Portable device attached,
VBUS must be  VTEST after
this time.
Programmable 10-25 ms,
default listed.
Discharge Time
tDISCHARGE
—
200
—
ms
Amount of time discharge
resistor applied.
Programmable 100-400 ms,
default listed.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TJ = -40°C to +125°C; all Typical values at VDD = VS = 5V, TJ = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and is not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS81003 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Minimum and Maximum values represent the boundaries of a programmable range. Each value in the
range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com