Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 79 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 79 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 75Page - Microchip Technology UCS81003 Datasheet HTML 76Page - Microchip Technology UCS81003 Datasheet HTML 77Page - Microchip Technology UCS81003 Datasheet HTML 78Page - Microchip Technology UCS81003 Datasheet HTML 79Page - Microchip Technology UCS81003 Datasheet HTML 80Page - Microchip Technology UCS81003 Datasheet HTML 81Page - Microchip Technology UCS81003 Datasheet HTML 82Page - Microchip Technology UCS81003 Datasheet HTML 83Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 79
UCS81003
REGISTER 10-35: CUSTOM EMULATION CONFIGURATION REGISTER (ADDRESS 40H)
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R-0
R/W-1
—
—
CS_TO_DIS
CS_EM_TO<1:0>
CS_FRST
RESERVED
CSEM_DIS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5
CS_TO_DIS: Disables the Emulation Timeout timer when the Custom Charger Emulation profile is
applied during the DCE Cycle. If the EM_TO_DIS is set, this bit will have no effect (Note 1).
1
=
The Emulation Timeout timer is disabled when the Custom charger emulation profile is applied
during the DCE Cycle. When the Custom charger emulation profile is being applied, the UCS81003
will be constantly monitoring the IBUS current. When the IBUS current is greater than IBUS_CHG,
regardless of the reason, then the Custom Charger Emulation profile will accepted. If the portable
device does not draw more than IBUS_CHG current, then the UCS81003 will continue waiting until
this bit is cleared.
0
=
The Emulation Timeout timer is enabled when the Custom charger emulation profile is applied
during the DCE Cycle and the EM_TO_DIS bit is not set
bit 4-3
CS_EM_TO<1:0>: Determines the tEM_TIMEOUT value, as shown below. Is used when the Custom char-
ger emulation profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
= 6.4s
11
= 12.8s
bit 2
CS_FRST: Disables the Custom charger emulation profile.
1
=
The Custom charger emulation profile is the first of the profiles applied during the DCE Cycle.
0
=
The Custom charger emulation profile is the last of the profiles applied during the DCE Cycle.
bit 1
RESERVED: Do not change. This bit will read ‘0’ and should not be written to a logic ‘1’.
bit 0
CSEM_DIS: Determines whether the Custom charger emulation profile is placed first or last in the DCE Cycle.
1
=
The Custom charger emulation profile is not enabled.
0
= The Custom charger emulation profile is enabled.
Note 1:
If the CS_TO_DIS bit is set and the Custom charger emulation profile was accepted during the DCE cycle,
a removal is not detected. To avoid this issue, re-enable the emulation timeout after applying any test pro-
files and charging with the 'final' profile.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com