Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 95 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 95 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 91Page - Microchip Technology UCS81003 Datasheet HTML 92Page - Microchip Technology UCS81003 Datasheet HTML 93Page - Microchip Technology UCS81003 Datasheet HTML 94Page - Microchip Technology UCS81003 Datasheet HTML 95Page - Microchip Technology UCS81003 Datasheet HTML 96Page - Microchip Technology UCS81003 Datasheet HTML 97Page - Microchip Technology UCS81003 Datasheet HTML 98Page - Microchip Technology UCS81003 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 95
UCS81003
11.0
COMMUNICATIONS
11.1
Operating Mode
The UCS81003 can operate in SMBus mode (see
Section 11.2 “SMBus Operating Mode”) or Stand-
Alone
mode
(see
Section 11.3
“Stand-Alone
Operating
Mode”).
The
resistor
on
the
COMM_SEL/ILIM pin determines the operating mode
and the hardware-set ILIM setting, as shown in
Table 11-1. Unless connected to GND or VDD, the
resistors in Table 11-1 are pull-down resistors.
11.2
SMBus Operating Mode
When the COMM_SEL/ILIM pin is connected directly to
ground or though a pull-down resistor with a value of
33 k
 or below as listed in Table 11-1, the UCS81003
communicates via the SMBus or I2C communications
protocols.
Note:
If
it
is
necessary
to
connect
the
COMM_SEL/ILIM pin to VDD via a pull-up
resistor, it is recommended that this
resistor value not exceed 100 k
.
TABLE 11-1:
UCS81003 COMMUNICATION MODE AND ILIM SELECTION (Note 1)
SELECTION Resistor ±5%
ILIM Setting
Communications Mode
GND
570 mA
SMBus - see Section 11.2.1.2
10 k
 pull-down
1000 mA
SMBus - see Section 11.2.1.2
12 k
 pull-down
1130 mA
SMBus - see Section 11.2.1.2
15 k
 pull-down
1350 mA
SMBus - see Section 11.2.1.2
18 k
 pull-down
1680 mA
SMBus - see Section 11.2.1.2
22 k
 pull-down
2050 mA
SMBus - see Section 11.2.1.2
27 k
pull-down
2280 mA
SMBus - see Section 11.2.1.2
33 k
 pull-down
2850 mA
(3000 mA maximum)
SMBus - see Section 11.2.1.2
47 k
 pull-down
570 mA
Stand-Alone mode
56 k
 pull-down
1000 mA
Stand-Alone mode
68 k
 pull-down
1130 mA
Stand-Alone mode
82 k
 pull-down
1350 mA
Stand-Alone mode
100 k
 pull-down
1680 mA
Stand-Alone mode
120 k
 pull-down
2050 mA
Stand-Alone mode
150 k
 pull-down
2280 mA
Stand-Alone mode
VDD (If a pull-up resistor is used, its value
must not exceed 100 k
.)
2850 mA
(3000 mA maximum)
Stand-Alone mode
Note 1:
Unless otherwise indicated, the values specified in this table are the typical ILIM in Table 1-2.
Note 1: Upon power-up, the UCS81003 will not
respond to any SMBus communications
for
5.5 ms.
After
this
time,
full
functionality is available.
2: When in the Sleep state, the first SMBus
read command sent to the UCS81003
device address will wake it. Any data sent
to the UCS81003 will be ignored and any
data read from the UCS81003 should be
considered invalid. The UCS81003 will
be fully functional 3 ms after this first read
command is sent. See Section 5.1.2
“Sleep State Operation”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com