Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 98 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 98 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 94Page - Microchip Technology UCS81003 Datasheet HTML 95Page - Microchip Technology UCS81003 Datasheet HTML 96Page - Microchip Technology UCS81003 Datasheet HTML 97Page - Microchip Technology UCS81003 Datasheet HTML 98Page - Microchip Technology UCS81003 Datasheet HTML 99Page - Microchip Technology UCS81003 Datasheet HTML 100Page - Microchip Technology UCS81003 Datasheet HTML 101Page - Microchip Technology UCS81003 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 108 page
background image
UCS81003
DS20005334A-page 98
 2014 Microchip Technology Inc.
11.2.3
SMBUS PROTOCOLS
The UCS81003 is SMBus 2.0-compatible and supports
Write Byte, Read Byte, Send Byte, and Receive Byte
as valid protocols as shown in the following sections.
All protocols in these sections use the convention in
Table 11-3.
11.2.3.1
SMBus Write Byte
The Write Byte is used to write one byte of data to a
specific register as shown in Table 11-4.
11.2.3.2
SMBus Read Byte
The Read Byte protocol is used to read one byte of data
from the registers as shown in Table 11-5.
11.2.3.3
SMBus Send Byte
The Send Byte protocol is used to set the internal
address register pointer to the correct address location.
No data is transferred during the Send Byte protocol as
shown in Table 11-6.
11.2.3.4
SMBus Receive Byte
The Receive Byte protocol is used to read data from a
register when the internal register address pointer is
known to be at the right location (e.g., set via Send
Byte). This is used for consecutive reads of the same
register as shown in Table 11-7.
TABLE 11-3:
PROTOCOL FORMAT
Data Sent to Device
Data Sent to the Host
Data sent
Data sent
TABLE 11-4:
WRITE BYTE PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
Register
Data
ACK
STOP
1 ->0
YYYY_YYY
0
0
XXh
0
XXh
0
0 -> 1
TABLE 11-5:
READ BYTE PROTOCOL
START
Client
Address
WR
ACK
Register
Address
ACK
START
Client
Address
RD
ACK
Register
Data
NACK
STOP
1->0
YYYY_YYY
0
0
XXh
0
1 ->0
YYYY_YY
Y
10
XXh
1
0 -> 1
TABLE 11-6:
SEND BYTE PROTOCOL
START
Client Address
WR
ACK
Register
Address
ACK
STOP
1 -> 0
YYYY_YYY
0
0
XXh
0
0 -> 1
TABLE 11-7:
RECEIVE BYTE PROTOCOL
START
CLIENT
ADDRESS
RD
ACK
Register Data
NACK
STOP
1 -> 0
YYYY_YYY
1
0
XXh
1
0 -> 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com