Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 52 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 52 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 48Page - Microchip Technology UCS81003 Datasheet HTML 49Page - Microchip Technology UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology UCS81003 Datasheet HTML 52Page - Microchip Technology UCS81003 Datasheet HTML 53Page - Microchip Technology UCS81003 Datasheet HTML 54Page - Microchip Technology UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 108 page
background image
UCS81003
DS20005334A-page 52
 2014 Microchip Technology Inc.
10.3.1
PROFILE STATUS 1 REGISTER
These bits are indicators only and will not cause the
ALERT# pin or A_DET# pin to change states. The
CUST, DCP, CDP and PT bits are cleared under the
following circumstances:
• the PWR_EN control is disabled
• a new Active mode is selected
• a Removal Detection event occurs.
REGISTER 10-5:
PROFILE STATUS 1 REGISTER (ADDRESS 12H)
R-0
U-x
U-x
R-0
R-0
R-0
R-0
R-0
NO_HS
—
—
VS_LOW
CUST
DCP
CDP
PT
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
NO_HS: The NO_HS bit is only set during the Dedicated Charger Emulation Cycle (see Section 9.10 “No
Handshake”). This bit is automatically cleared whenever a new charger emulation profile is applied. (Note 1)
1
=
No handshake at the end of the DCE Cycle.
0
=
A new charger emulation profile has been applied
bit 6-5
Unimplemented
bit 4
VS_LOW: Indicates that the VS voltage is below the VS_UVLO threshold and the port power switch is held
off. This bit is cleared automatically when the VS voltage is above the VS_UVLO threshold.
1
=VS < VS_UVLO
0
=VS > VS_UVLO
bit 3
CUST: Indicates that the portable device successfully performed a handshake with the user-defined
Custom Charger Emulation Profile during the DCE Cycle and is charging. Based on the Custom Charger
Emulation Profile configuration, the high-speed switch will be either open or closed (see Section 10.13
“Custom Emulation Configuration Registers”). The port power switch current limiting mode is
determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom Current
Limiting Behavior Configuration Register”).
1
=
Custom Profile handshake complete
0
=
No Custom Profile handshake
bit 2
DCP: Indicates that the portable device accepted the BC1.2 DCP charger emulation profile and is
charging. The high-speed switch will be controlled via the HSW_DCE bit (see Section 10.4.5 “High-
Speed Switch Configuration Register”), and the port power switch will use Constant Current Limiting.
1
=
DCP handshake complete
0
=
No DCP handshake
bit 1
CDP: Indicates that the portable device successfully performed a handshake with the BC1.2 CDP
charger emulation profile and is charging. The high-speed switch will be closed, and the port power
switch will use Trip Current Limiting.
1
=
CDP handshake complete
0
=
No CDP handshake
bit 0
PT: Indicates that the UCS81003 is in the Data Pass-through or BC1.2 SDP Active mode. The
high-speed switch will be closed, and the port power switch will use Trip Current Limiting. (Note 2)
1
=
UCS81003 is in the Data Pass-through or BC1.2 SDP Active mode.
0
=
UCS81003 is not in the Data Pass-through or BC1.2 SDP Active mode.
Note 1:
The NO_HS bit does not indicate that a portable device is drawing current and it may be cleared to ‘0’
(indicating a handshake) and a portable device not charge. This bit is set at the end of each charger emu-
lation profile if a portable device does not handshake with it. This bit will not be set at the same time that
any other Profile Status register bits are set.
2:
When the UCS81003 is configured as a Data Pass-through and a Removal event and then an Attach event
occur without changing the Active mode, the PT bit will not be set again even though the UCS81003 is still
operating as a Data Pass-through as configured. Toggling the M1 control will re-enable the PT status bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com