Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 50 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 50 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology UCS81003 Datasheet HTML 48Page - Microchip Technology UCS81003 Datasheet HTML 49Page - Microchip Technology UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology UCS81003 Datasheet HTML 52Page - Microchip Technology UCS81003 Datasheet HTML 53Page - Microchip Technology UCS81003 Datasheet HTML 54Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
UCS81003
DS20005334A-page 50
 2014 Microchip Technology Inc.
REGISTER 10-3:
INTERRUPT STATUS REGISTER (ADDRESS 10H)
R/W-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ERR
DISCH_ERR
RESET
KEEP_OUT
TSD
OV_VOLT
BACK_V
OV_LIM
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
ERR: Indicates that an error was detected and the device has entered the Error state. Writing this bit to
a ‘0’ will clear the Error state and allows the device to be returned to the Active state. When written to
‘0’, all error conditions are checked. If all error conditions have been removed, the UCS81003 returns to
the Active state. This bit is set automatically by the UCS81003 when the Error state is entered. Regard-
less of the fault handling mechanism used, if any other bit is set in the Interrupt Status register (10h), the
device will not leave the Error state. (Note 1 and Note 2)
This bit is cleared automatically by the UCS81003 if the Auto-Recovery fault handling functionality is active
and no error conditions are detected. Likewise, this bit is cleared when the PWR_EN control is disabled.
1
=
One or more errors have been detected, and the UCS81003 has entered the Error state.
0
=
There are no errors detected.
bit 6
DISCH_ERR: Indicates that the UCS81003 was unable to discharge the VBUS node. This bit will be
cleared when read if the error condition has been removed or if the ERR bit is cleared. This bit will cause
the ALERT# pin to be asserted and the device to enter the Error state.
1
=
UCS81003 was unable to discharge the VBUS node.
0
=No VBUS discharge error.
bit 5
RESET: Indicates that the UCS81003 has just been reset and should be re-programmed. This bit will be
set at power up. This bit is cleared when read or when the PWR_EN control is toggled. The ALERT# pin
is not asserted when this bit is set. This data is retained in the Sleep state.
1
=
UCS81003 has just been reset
0
=
Reset did not occur.
bit 4
KEEP_OUT: Indicates that the V-I output on the VBUS pins has dropped below VBUS_MIN. This bit will be
cleared when read if the error condition has been removed or if the ERR bit is cleared. This bit will cause
the ALERT# pin to be asserted and the device to enter the Error state.
1
=VBUS < VBUS_MIN
0
=VBUS > VBUS_MIN
bit 3
TSD: Indicates that the internal temperature has exceeded TTSD threshold and the device has entered
the Error state. This bit will be cleared when read if the error condition has been removed or if the ERR
bit is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
=
Internal temperature > TTSD
0
=
Internal temperature < TTSD
bit 2
OV_VOLT: Indicates that the VS voltage has exceeded the VS_OV threshold and the device has entered
the Error state. This bit will be cleared when read, if the error condition has been removed or if the ERR
bit is cleared. This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
=VS > VS_OV
0
=VS < VS_OV
bit 1
BACK_V: Indicates that the VBUS voltage has exceeded the VS or VDD voltages by more than 150 mV.
This bit will be cleared when read if the error condition has been removed or if the ERR bit is cleared.
This bit will cause the ALERT# pin to be asserted and the device to enter the Error state.
1
=VBUS >VS, or VBUS >VDD by more than 150 mV
0
=VBUS voltage has not exceeded the VS and VDD voltages by more than 150 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com