Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 38 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 38 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
UCS81003
DS20005334A-page 38
 2014 Microchip Technology Inc.
7.5
Fault Handling Mechanism
The UCS81003 has two modes for handling faults:
• Latch (latch-upon-fault)
• Auto-Recovery (automatically attempt to restore
the Active power state after a fault occurs).
If the SMBus is actively utilized, Auto-Recovery Fault
Handling is the default error handler as determined by
the
LATCHS
bit
(see
Section 10.4.3
“Switch
Configuration
Register”).
Otherwise,
the
fault
handling mechanism used depends on the state of the
LATCH pin. Faults include overcurrent, overvoltage (on
VS), undervoltage (on VBUS), back-voltage (VBUS to VS,
or VBUS to VDD), discharge error and maximum
allowable internal die temperature (TTSD) exceeded
(see Section 5.1.5 “Error State Operation”).
7.5.1
AUTO-RECOVERY FAULT
HANDLING
When the LATCH control is low, Auto-Recovery Fault
Handling is used. When an error condition is detected,
the UCS81003 will immediately enter the Error state
and assert the ALERT# pin (see Section 5.1.5 “Error
State Operation”). Independently from the host
controller, the UCS81003 will wait a preset time
(tCYCLE), check error conditions (tTST) and restore
Active operation if the error condition(s) no longer
exist. If all other conditions that may cause the
ALERT# pin to be asserted have been removed, the
ALERT# pin will be released.
FIGURE 7-1:
Error Recovery Timing (Short Circuit Example).
7.5.2
LATCHED FAULT HANDLING
When the LATCH control is high, Latch Fault Handling
is used. When an error condition is detected, the
UCS81003 will enter the Error power state and assert
the ALERT# pin. Upon command from the host
controller (by toggling the PWR_EN control from
enabled to disabled or by clearing the ERR bit via
SMBus), the UCS81003 will check error conditions
once and restore Active operation if error conditions no
longer exist. If an error condition still exists, the host
controller is required to issue the command again to
check error conditions.
tRST
VBUS
IBUS
SHORT
applied.
ITST
tDISCHARGE
ITST
VTEST
Short Detected.
VBUS discharged.
Enter Error state.
Check short
condition.
Short still
present.
Return to
Error State.
Wait tCYCLE.
Wait tCYCLE.
Check short
condition.
Short
removed.
Return to
normal
operation.
tCYCLE
tCYCLE
tRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com