Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 4 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 4 Page - Microchip Technology

  UCS81003 Datasheet HTML 1Page - Microchip Technology UCS81003 Datasheet HTML 2Page - Microchip Technology UCS81003 Datasheet HTML 3Page - Microchip Technology UCS81003 Datasheet HTML 4Page - Microchip Technology UCS81003 Datasheet HTML 5Page - Microchip Technology UCS81003 Datasheet HTML 6Page - Microchip Technology UCS81003 Datasheet HTML 7Page - Microchip Technology UCS81003 Datasheet HTML 8Page - Microchip Technology UCS81003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 108 page
background image
UCS81003
DS20005334A-page 4
 2014 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Voltage on VDD, VS and VBUS pins ....................................................................................................................-0.3 to 6V
Pull-Up Voltage (VPULLUP) ................................................................................................................... -0.3 to VDD + 0.3V
Data Switch Current (IHSW_ON), Switch On...........................................................................................................±50 mA
Port Power Switch Current ..................................................................................................................... Internally limited
Data Switch Pin Voltage To Ground (DPOUT, DPIN, DMOUT, DMIN); (VDD powered or unpowered)....... -0.3 to VDD +0.3V
Differential Voltage Across Open Data Switch (DPOUT -DPIN, DMOUT - DMIN, DPIN - DPOUT, DMIN - DMOUT) .............VDD
Voltage on any Other Pin to Ground ................................................................................................... -0.3 to VDD + 0.3V
Current on any Other Pin ...................................................................................................................................... ±10 mA
Package Power Dissipation ............................................................................................................................... Table 1-1
Maximum Junction Temperature Under Bias ........................................................................................................ +125°C
Storage Temperature Range ................................................................................................................... -55°C to +150°C
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure to maximum rating conditions for extended periods may
affect device reliability.
TABLE 1-1:
POWER DISSIPATION SUMMARY
Board
Package
JC
JA
De-rating
Factor Above
+25°C
TA <+25°C
Power
Rating
TA <+70°C
Power
Rating
TA <+85°C
Power
Rating
High K
(see Note 1)
28-pin VQFN
5x 5 mm
4°C/W
32°C/W
31.3 mW°/C
2470 mW
1220 mW
800 mW
Low K
(see Note 1)
28-pin VQFN
5x 5 mm
4°C/W
51°C/W
19.6 mW°/C
1620 mW
800 mW
530 mW
Note 1:
Junction to ambient (
JA) is dependent on the design of the thermal vias. Without thermal vias and a ther-
mal landing, the
JA is approximately 77°C/W, including localized PCB temperature increase. This JA
value is an estimate for a JEDEC® compliant 2S2P PCB with thermal vias.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TJ = -40°C to +125°C; all Typical values at VDD = VS = 5V, TJ = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Power Supply
Supply Voltage
VDD
4.5
5
5.5
V
Note 1
Source Voltage
VS
2.9
5
5.5
V
Note 1
Supply Current in Active
(IDD_ACTIVE + IVS_ACT)
IACTIVE
—
650
750
µA
Average current IBUS =0mA,
TJ <+85°C
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and is not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS81003 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Minimum and Maximum values represent the boundaries of a programmable range. Each value in the
range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com