Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 48 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 48 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology UCS81003 Datasheet HTML 48Page - Microchip Technology UCS81003 Datasheet HTML 49Page - Microchip Technology UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology UCS81003 Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
UCS81003
DS20005334A-page 48
 2014 Microchip Technology Inc.
10.3
Status Registers
The Status registers store bits that indicate error
conditions as well as Attach Detection and Removal
Detection. Unless otherwise noted, these bits will
operate as described when the UCS81003 is operating
in Stand-Alone mode.
REGISTER 10-1:
TOTAL ACCUMULATED CHARGE REGISTER (ADDRESSES 01H – 04H)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC<25>
ACC<24>
ACC<23>
ACC<22>
ACC<21>
ACC<20>
ACC<19>
ACC<18>
bit 31
bit 24
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC<17>
ACC<16>
ACC<15>
ACC<14>
ACC<13>
ACC<12>
ACC<11>
ACC<10>
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ACC<9>
ACC<8>
ACC<7>
ACC<6>
ACC<5>
ACC<4>
ACC<3>
ACC<2>
bit 15
bit 8
R-0
R-0
R-x
R-x
R-x
R-x
R-x
R-x
ACC<1>
ACC<0>
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31-6
ACC<25:0>: Total Accumulated Charge
1 LSB = 0.00325 mAh
bit 5-0
Unimplemented
Name
Bits
Address
Cof
Default
Other Status
8
0Fh
R
00h
Interrupt Status
8
10h
R/W
00h
General Status
8
11h
R/R-C
00h
Profile Status 1
8
12h
R
00h
Profile Status 2
8
13h
R
00h
Pin Status
8
14h
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com