Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 35 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 35 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 35
UCS81003
When the VBUS discharge circuitry is activated, at the
end of the tDISCHARGE time, the UCS81003 will confirm
that VBUS was discharged. If the VBUS voltage is not
below the VTEST level, a discharge error will be flagged
(by setting the DISCH_ERR status bit) and the
UCS81003 will enter the Error state.
7.4
Battery Full
Delivery of bus current to a portable device can be
rationed by the UCS81003. When this functionality is
enabled, the host system must provide the UCS81003
with an accumulated charge maximum limit (in mAh).
The charge rationing functionality works only in the
Active power state. It continuously monitors the current
delivered as well as the time elapsed since the mode
was activated (or since the data was updated). This
information is compiled to generate a charge-rationing
number that is checked against the host limit.
Once the programmed current-rationing limit has been
reached, the UCS81003 will take action as determined by
the RATION_BEH bits, as described in Table 7-1. Note
that this does not cause the device to enter the Error state.
Once the charge rationing circuitry has reached the
programmed threshold, the UCS81003 will maintain
the desired behavior until charge rationing is reset.
Once charge rationing has been reset or disabled, the
UCS81003 will recover as shown in Table 7-2.
TABLE 7-1:
CHARGE RATIONING BEHAVIOR
RATION_BEH<1:0>
Behavior
Actions taken
Notes
10
00
Report
ALERT# pin asserted.
01
Report
and
Disconnect
(default)
1.
ALERT# pin asserted.
2.
Charger emulation
profile removed.
3.
Port power switch
disconnected.
The HSW will not be affected.
All bus monitoring is still active.
Changing the M1, M2, EM_EN, S0 and
PWR_EN controls will cause the device to
change power states as defined by the pin
combinations; however, the port power switch
will remain off until the rationing circuitry is
reset. Furthermore, the bypass switch will not
be turned on if enabled via the S0 control.
10
Disconnect
and
Go to Sleep
1.
Port power switch
disconnected.
2.
Charger emulation
profile removed.
3.
Device will enter the
Sleep state.
The HSW will be disabled.
All VBUS and VS monitoring will be stopped.
Changing the M1, M2, EM_EN, S0, and
PWR_EN controls will have no effect on the
power state until the rationing circuitry is reset.
11
Ignore
Take no further action.
TABLE 7-2:
CHARGE RATIONING RESET BEHAVIOR
Behavior
Reset Actions
Report
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
Report
and Disconnect
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Release the ALERT# pin.
4.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated power state
if the controls changed (Note 1).
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS81003 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com