Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 92 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 92 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 88Page - Microchip Technology UCS81003 Datasheet HTML 89Page - Microchip Technology UCS81003 Datasheet HTML 90Page - Microchip Technology UCS81003 Datasheet HTML 91Page - Microchip Technology UCS81003 Datasheet HTML 92Page - Microchip Technology UCS81003 Datasheet HTML 93Page - Microchip Technology UCS81003 Datasheet HTML 94Page - Microchip Technology UCS81003 Datasheet HTML 95Page - Microchip Technology UCS81003 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 108 page
background image
UCS81003
DS20005334A-page 92
 2014 Microchip Technology Inc.
10.14 Current Limiting Behavior
Configuration Registers
10.14.1
APPLIED CURRENT LIMITING
BEHAVIOR REGISTER
The Applied Current Limiting Behavior Register stores
the values used by the applied current limiting mode
(Trip or CC) when the custom settings are not used.
The contents of this register are updated automatically
when charger emulation is completed.
Name
Bits Address
Cof
Default
Applied Current
Limiting Behavior
850h
R
82h
Custom Current
Limiting Behavior
Config
851h
R/W
82h
REGISTER 10-48: APPLIED CURRENT LIMITING BEHAVIOR REGISTER (ADDRESS 50H)
R-1
R-0
U-x
R-0
R-0
R-0
R-1
R-0
SEL_VBUS_MIN<1:0>
—
SEL_R2_IMIN<2:0>
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
SEL_VBUS_MIN<1:0>: Define the VBUS_MIN voltage as follows:
00
=
1.5V
01
=
1.75V
10
=
2.0V
11
=
2.25V
bit 5
Unimplemented
bit 4-2
SEL_R2_IMIN<2:0>: Define the IBUS_R2MIN current as follows:
000
= 120 mA
001
= 570 mA
010
= 1000 mA
011
= 1350 mA
100
= 1680 mA
101
= 2050 mA
bit 1-0
RESERVED: Do not change.
Note 1:
The values specified above are the typical ones..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com