Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 1 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 1 Page - Microchip Technology

  UCS81003 Datasheet HTML 1Page - Microchip Technology UCS81003 Datasheet HTML 2Page - Microchip Technology UCS81003 Datasheet HTML 3Page - Microchip Technology UCS81003 Datasheet HTML 4Page - Microchip Technology UCS81003 Datasheet HTML 5Page - Microchip Technology UCS81003 Datasheet HTML 6Page - Microchip Technology UCS81003 Datasheet HTML 7Page - Microchip Technology UCS81003 Datasheet HTML 8Page - Microchip Technology UCS81003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 1
UCS81003
Features:
• Port Power Switch with Two Current Limit Behaviors
- 2.9V to 5.5V source voltage range
- Up to 3.0A current (2.85A typical) with 55 m
on resistance
- Overcurrent trip or constant current limiting
- Soft turn-on circuitry
- Programmable current limit
- Dynamic thermal management
- Under and overvoltage lockout
- Back-Drive, back-voltage protection
- Latch or auto-recovery (low test current) fault
handling
- Selectable active-high or -low power switch
enable
- BC1.2 VBUS discharge port renegotiation
function
• Selectable/Automatic Cycling of Universal Serial
Bus (USB) Data Line Charger Emulation Profiles
- USB-IF BC1.2 Charging Downstream Port
(CDP) and Dedicated Charging Port (DCP)
modes, Chinese Telecommunications Industry
Standard YD/T 1591-2009 and most Apple®
Inc. and RIM® protocols standard; others as
defined via the SMBus 2.0/I2Cprotocol
- Supports 12W charging emulation
- USB 2.0 compliant high-speed data switch (in
data pass-through, SDP and CDP modes)
- Nine preloaded charger emulation profiles for
maximum compatibility coverage of the
peripheral devices
- One custom-programmable charger
emulation profile for portable device support
for fully host-controlled charger emulation
• Supports Active Cables
• Self-Contained Current Monitoring and Rationing
for Power-Allocation Applications
• Low-Power Attach Detection and Open-Drain
(A_DET#) Pin
• Ultra-Low Power Sleep State
• Optional Split Supply Support for VS and VDD for
Low-Power in System Standby States
• Wake on Attach USB
• SMBus 2.0/I2C Communications
- Supports block write and read
- Multiple SMBus addresses
• Wide Operating Temperature Range: -40°C to +85°C
• IEC61000-4-2 8/15 kV Electrostatic Discharge
(ESD) Immunity
Description:
The UCS81003 provides a USB port power switch for
precise control of up to 3.0A continuous current
(2.85A typical) with Overcurrent Limit (OCL), dynamic
thermal management, latch or auto-recovery (low-test
current) fault handling, selectable active-low or -high
enable, under and overvoltage lockout, back-drive
protection and back-voltage protection.
Split supply support for VS and VDD is an option for low
power in system standby states. This gives battery-
operated applications (such as on-board computers)
the ability to detect attachments from a Sleep or Off
state. After the Attach Detection is flagged, the system
can decide to wake up and/or provide charging.
In addition to Power Switching and Current Limiting
modes, the UCS81003 will automatically charge a wide
variety of portable devices, including USB-IF BC1.2,
YD/T-1591 (2009), most Apple Inc. and RIM, and many
others. Nine preloaded charger emulation profiles
maximize the compatibility coverage of the peripheral
devices.
Additionally,
a
customizable
charger
emulation profile is available to accommodate unique
existing
and
future
portable
device
handshaking/signature requirements.
The UCS81003 also provides current monitoring to allow
intelligent management of system power and charge
rationing for controlled delivery of current, regardless of
the host power state. This is especially important for
battery-operated applications that want to provide power
and do not want to drain the battery excessively.
The UCS81003 is available in a 5 mm x 5 mm
28-pin VQFN package.
Applications:
• DC Power Socket Replacement
• Consumer USB Port Protection
• Consumer Device Charging Port
• Auxiliary Box Charging Feature
• Rear Seat Entertainment Consumer Access Point
Automotive USB Port Power Controller with Charger Emulation


Similar Part No. - UCS81003

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
UCS FARADAY-UCS Datasheet
51Kb / 3P
CCIR REC.601 FILTERS
logo
Nichicon corporation
UCS NICHICON-UCS Datasheet
662Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
UCS-2000H ETC2-UCS-2000H Datasheet
2Mb / 128P
SELECTION GUIDE TO HIGH-VOLTAGE/HIGH-CURRENT
UCS-2000R ETC2-UCS-2000R Datasheet
2Mb / 128P
SELECTION GUIDE TO HIGH-VOLTAGE/HIGH-CURRENT
UCS-2800H ETC2-UCS-2800H Datasheet
2Mb / 128P
SELECTION GUIDE TO HIGH-VOLTAGE/HIGH-CURRENT
More results

Similar Description - UCS81003

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
UCS1003-1 MICROCHIP-UCS1003-1 Datasheet
1Mb / 138P
USB Port Power Controller with Charger Emulation
07/14/15
UCS1001-3 MICROCHIP-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-2 MICROCHIP-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1002-1 MICROCHIP-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
Revision 1.4 07-16-13
UCS1001 MICROCHIP-UCS1001 Datasheet
860Kb / 59P
USB Port Power Controller with Charger Emulation
Revision 1.2 05-21-12
logo
SMSC Corporation
UCS1002-2 SMSC-UCS1002-2 Datasheet
1Mb / 114P
Programmable USB Port Power Controller with Charger Emulation
UCS1002-1 SMSC-UCS1002-1 Datasheet
1Mb / 116P
Programmable USB Port Power Controller with Charger Emulation
UCS1001-3 SMSC-UCS1001-3 Datasheet
781Kb / 57P
USB Port Power Controller with Charger Emulation
logo
E-CMOS Corporation
EC49021AS E-CMOS-EC49021AS Datasheet
136Kb / 5P
Dual/Single USB Charger Port Controller
logo
Shenzhen Huazhimei Semi...
HM2513 HMSEMI-HM2513 Datasheet
371Kb / 6P
Dual/Single USB Charger Port Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com