Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 47 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 47 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 43Page - Microchip Technology UCS81003 Datasheet HTML 44Page - Microchip Technology UCS81003 Datasheet HTML 45Page - Microchip Technology UCS81003 Datasheet HTML 46Page - Microchip Technology UCS81003 Datasheet HTML 47Page - Microchip Technology UCS81003 Datasheet HTML 48Page - Microchip Technology UCS81003 Datasheet HTML 49Page - Microchip Technology UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 47
UCS81003
During power-on reset (POR), the default values are
stored in the registers. A POR is initiated when power
is first applied to the part and the voltage on the VDD
supply surpasses the VDD_TH level, as specified in the
electrical characteristics. Any reads to undefined
registers will return 00h. Writes to undefined registers
will not have an effect.
When a bit is “set”, this means that the user writes a
logic ‘1’ to it. When a bit is “cleared”, this means that the
user writes a logic ‘0’ to it.
10.1
Current Measurement Register
(Address 00h)
The
Current
Measurement
register
stores
the
measured current value delivered to the portable
device (IBUS). This value is updated continuously while
the device is in the Active power state. The bit weights
are in mA and the range is from 0 mA to 2988.6A (the
maximum value corresponds to 255 LSB, where
1LSB =11.72 mA).
This data will be cleared when the device enters the
Sleep or Detect states. This data will also be cleared
whenever the port power switch is turned off (including
during emulation or any time that VBUS is discharged).
10.2
Total Accumulated
Charge Registers
The Total Accumulated Charge registers store the total
accumulated charge delivered from the VS source to a
portable device. The bit weighting of the registers is
given in mAh. The register value is reset to 00_00h only
when the RTN_RST bit is set or if the RTN_EN bit is
cleared. This value will be retained when the device
transitions out of the Active state and resumes
accumulation if the device returns to the Active state
and charge rationing is still enabled.
These registers are updated every one (1) second
while the UCS81003 is in the Active power state. Every
time the value is updated, it is compared against the
target value in the Charge Rationing Threshold
registers
(see
Section 10.6
“Charge
Rationing
Threshold Registers”).
49h
Custom Emulation Stimulus
3 - Config 1
R/W
Sets the stimulus and timing for
Stimulus 3
00h
88
4Ah
Custom Stimulus/Response
Pair 3 - Config 2
R/W
Sets the response and magnitude for
Stimulus 3
00h
89
4Bh
Custom Stimulus/Response
Pair 3 - Config 3
R/W
Sets the threshold and pull-up/pull-down
settings for Stimulus 3
00h
90
4Ch
Custom Stimulus/Response
Pair 3 - Config 4
R/W
Sets the resistor ratio for Stimulus 3
00h
91
50h
Applied Current Limiting
Behavior
R
Indicates the applied current limiting
behavior
82h
92
51h
Custom Current Limiting
Behavior Config
R/W
Controls the custom current limiting
behavior
82h
93
FDh
Product ID
R
Stores a fixed value that identifies each
product
4Eh
94
FEh
Manufacturer ID
R
Stores a fixed value that identifies
Microchip
5Dh
94
FFh
Revision
R
Stores a fixed value that represents the
revision number
82h
94
TABLE 10-1:
REGISTER SET IN HEXADECIMAL ORDER (CONTINUED)
Register
Address
Register Name
R/W
Function
Default
Value
Page
No.
Name
Bits Address Cof
Default
Current Measurement
8
00h
R
00h
Name
Bits Address
Cof
Default
Total Accumulated
Charge High Byte
8
01h
R
00h
Total Accumulated
Charge Middle High
8
02h
R
00h
Total Accumulated
Charge Middle Low Byte
8
03h
R
00h
Total Accumulated
Charge Low Byte
8
04h
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com