Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 62 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 62 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology UCS81003 Datasheet HTML 64Page - Microchip Technology UCS81003 Datasheet HTML 65Page - Microchip Technology UCS81003 Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 108 page
background image
UCS81003
DS20005334A-page 62
 2014 Microchip Technology Inc.
10.8
IBUS_CHG Configuration Register
The
IBUS_CHG
Configuration
register
sets
the
IBUS_CHG current value. If current greater than
IBUS_CHG is detected flowing out of VBUS, emulation is
successful. The bit weights are in mA, and the range is
from 11.72 mA to 175.8 mA.
The contents of this register are not retained in Sleep.
10.9
TDET_CHARGE Configuration
Register
The TDET_CHARGE Configuration register controls
the tDC_TEMP and tDET_CHARGE timing. The tDC_TEMP
timer is started whenever the temperature exceeds
TREG. This timer is meant to give the system time to
cool at the lower ILIM setting before changing ILIM
again. The tDET_CHARGE timer is started whenever the
VBUS voltage is discharged and the bypass switch is
re-activated. This timer is meant to be a delay to allow
the VBUS capacitor to charge before detecting an
Attach Detection event.
If tDET_CHARGE time is increased greater than 800 ms,
larger
bus
capacitors
can
be
accommodated;
however, with a portable device present and PWR_EN
disabled, a Removal Detection event and then another
Attach Detection event will occur.
The contents of this register are retained in Sleep.
Name
Bits
Address
Cof
Default
IBUS_CHG
Configuration
81Eh
R/W
0Fh
REGISTER 10-16: IBUS_CHG CONFIGURATION REGISTER (ADDRESS 1EH)
U-x
U-x
U-x
U-x
R/W-1
R/W-1
R/W-1
R/W-1
—
—
—
—
ICHG<3>
ICHG<2>
ICHG<1>
ICHG<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
Unimplemented
bit 3-0
ICHG<3:0>
1 LSB = 11.72 mA
Name
Bits
Address
Cof
Default
TDET_CHARGE
Configuration
81Fh
R/W
03h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com