Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 93 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 93 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 89Page - Microchip Technology UCS81003 Datasheet HTML 90Page - Microchip Technology UCS81003 Datasheet HTML 91Page - Microchip Technology UCS81003 Datasheet HTML 92Page - Microchip Technology UCS81003 Datasheet HTML 93Page - Microchip Technology UCS81003 Datasheet HTML 94Page - Microchip Technology UCS81003 Datasheet HTML 95Page - Microchip Technology UCS81003 Datasheet HTML 96Page - Microchip Technology UCS81003 Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 93
UCS81003
10.14.2
CUSTOM CURRENT LIMITING
BEHAVIOR CONFIGURATION
REGISTER
The Custom Current Limiting Behavior Configuration
Register
allows
programming
of
current
limit
parameters. These controls are used when a portable
device
handshakes
using
the
Legacy
charger
emulation profiles (except Legacy 3), the Custom
charger emulation profile, or does not handshake as a
dedicated charger (i.e., a power thief).
The contents of this register are retained in Sleep.
REGISTER 10-49: CUSTOM CURRENT LIMITING BEHAVIOR CONFIG REGISTER (ADDRESS 51H)
R/W-1
R/W-0
U-x
R/W-0
R/W-0
R/W-0
R/W-1
R/W-0
CS_VBUS_MIN<1:0>
—
CS_R2_IMIN<2:0>
RESERVED
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
CS_VBUS_MIN<1:0>: Defines the Custom VBUS_MIN voltage as shown below. Note that VBUS_MIN is
checked even when operating with Trip Current Limiting.
00
=
1.5V
01
=
1.75V
10
=
2.0V
11
=
2.25V
bit 5
Unimplemented
bit 4-2
CS_R2_IMIN<2:0>: Define the Custom IBUS_R2MIN threshold as shown below. The default is 120 mA.
This value is used under the following conditions: when a portable device handshakes using the Legacy
charger emulation profiles (except Legacy 3) the Custom charger emulation profile or when it does not
handshake in DCE Cycle (i.e., a power thief). Under these conditions, the current limiting mode is deter-
mined by the relative value of IBUS_R2MIN and ILIM. When IBUS_R2MIN < ILIM or ILIM > 1.68 A, Trip Current
Limiting used; otherwise, CC mode is used.
Define the IBUS_R2MIN current as follows:
000
= 120 mA
001
= 570 mA
010
= 1000 mA
011
= 1350 mA
100
= 1680 mA
101
= 2050 mA
bit 1-0
RESERVED: Do not change.
Note 1:
The values specified above are the typical ones..



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com