Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 61 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 61 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology UCS81003 Datasheet HTML 64Page - Microchip Technology UCS81003 Datasheet HTML 65Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 61
UCS81003
10.7
Auto-Recovery Configuration
Register
The contents of this register are retained in Sleep.
The Auto-Recovery Configuration register sets the
parameters used when the Auto-Recovery fault
handling algorithm is invoked (see Section 7.5.1
“Auto-Recovery Fault Handling”).
Once the Auto-Recovery fault handling algorithm has
checked the overtemperature and back-drive condi-
tions, it will set the ILIM value to ITEST and then turn on
the port power switch and start the tRST timer. If, after
the timer has expired, the VBUS voltage is less than
VTEST, then it is assumed that a short-circuit condition
is present and the Error state is reset.
Name
Bits
Address
Cof
Default
Auto-Recovery
Configuration
8
1Ch
R/W
2Ah
REGISTER 10-15: AUTO-RECOVERY CONFIGURATION REGISTER (ADDRESS 1CH)
U-x
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
R/W-1
R/W-0
—
TCYCLE<2:0>
TRST_SW<1:0>
VTST_SW<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6-4
TCYCLE<2:0>: Defines the delay (tCYCLE) after the Error state is entered before the Auto-recovery fault
handling algorithm is started as shown below.
000
= 15 ms
001
= 20 ms
010
= 25 ms
011
= 30 ms
101
= 40 ms
110
= 45 ms
111
= 50 ms
bit 3-2
TRST_SW<1:0>: Sets the tRST time as shown as shown below.
00
= 10 ms
01
= 15 ms
10
= 20 ms
11
= 25 ms
bit 1-0
VTST_SW<1:0>: Sets the VTEST value as shown below.
00
= 250 mV
01
= 500 mV
10
=750 mV
11
= 1000 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com