Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 60 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 60 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology UCS81003 Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
UCS81003
DS20005334A-page 60
 2014 Microchip Technology Inc.
10.5
Current Limit Register
The Current Limit register controls the ILIM used by the
port power switch. The default setting is based on the
resistor on the COMM_SEL/ILIM pin and this value
cannot be changed to be higher than hardware set value.
The contents of this register are retained in Sleep.
10.6
Charge Rationing Threshold
Registers
The Charge Rationing Threshold registers set the
maximum allowed charge that will be delivered to a
portable device. Every time the Total Accumulated
Charge registers are updated, the value is checked
against this limit. If the value meets or exceeds this
limit, the RATION bit is set (see Section 10.4.1
“General Configuration Register”) and action taken
according
to
the
RATION_BEH<1:0>
bits
(see
Section 10.4.1 “General Configuration Register”).
The units are in mAh, with a range from 0 to ~218429.
The contents of this register are retained in Sleep.
Name
Bits
Address
Cof
Default
Current Limit
8
19h
R/W
00h
REGISTER 10-13: CURRENT LIMIT REGISTER (ADDRESS 19H)
U-x
U-x
U-x
U-x
U-x
R/W-0
R/W-0
R/W-0
—
—
—
—
—ILIM_SW<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-3
Unimplemented
bit 2-0
ILIM_SW<2:0>: Sets the ILIM value as follows:
000
= 0.57A
001
= 1.00A
010
= 1.13A
011
= 1.35A
100
= 1.68A
101
= 2.05A
110
= 2.28A
111
= 2.85A (3.0A maximum)
Note 1:
Unless otherwise indicated, the values specified above are the typical ILIM in the Table 1-2.
Name
Bits
Address
Cof
Default
Charge Rationing
Threshold High Byte
81Ah
R/W
FFh
Charge Rationing
Threshold Low Byte
81Bh
R/W
FFh
REGISTER 10-14: CHARGE RATIONING THRESHOLD (ADDRESS 1AH - 1BH)
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHTHR<15>
CHTHR<14>
CHTHR<13>
CHTHR<12>
CHTHR<11>
CHTHR<10>
CHTHR<9>
CHTHR<8>
bit 15
bit 8
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
R/W-1
CHTHR<7>
CHTHR<6>
CHTHR<5>
CHTHR<4>
CHTHR<3>
CHTHR<2>
CHTHR<1>
CHTHR<0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
CHTHR<15:1>: Charge Rationing Threshold
LSB = 3.333 mAh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com