Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 66 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 66 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology UCS81003 Datasheet HTML 64Page - Microchip Technology UCS81003 Datasheet HTML 65Page - Microchip Technology UCS81003 Datasheet HTML 66Page - Microchip Technology UCS81003 Datasheet HTML 67Page - Microchip Technology UCS81003 Datasheet HTML 68Page - Microchip Technology UCS81003 Datasheet HTML 69Page - Microchip Technology UCS81003 Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 108 page
background image
UCS81003
DS20005334A-page 66
 2014 Microchip Technology Inc.
10.12 Preloaded Emulation
Configuration Registers
The Preloaded Emulation Configuration registers store
the settings loaded from internal memory as required
for the preloaded charger emulation profile that is
actively being applied. These registers are read only.
The Legacy charger emulation profiles, the BC1.2 SDP,
and the BC1.2 DCP charger emulation profile do not
use the Stimulus 3 Configuration registers (39h - 3Bh).
Whenever
these charger
emulation profiles
are
applied, registers 39h - 3Bh will not be updated and
their contents should be ignored.
Whenever a Legacy charger emulation profile is
applied within the DCE Cycle, these controls will not be
updated and should be ignored. These settings are
only used by the BC1.2 CDP and BC1.2 DCP charger
emulation profiles.
The contents of registers 31h, 35 and 39h are not
retained in Sleep. They are updated as needed.
The contents of registers 32h, 33h, 34h, 36h, 37h, 38h,
3Ah, 3Bh, 40h are retained in Sleep.
10.12.1
APPLIED CHARGER EMULATION
REGISTER
The contents of this register are not retained in Sleep.
The contents are updated as the charger emulation
profile being applied changes.
REGISTER 10-22: LEGACY EMULATION TIMEOUT CONFIG 2 REGISTER (ADDRESS 24H)
U-x
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-1
—
—
L5EM_TO<1:0>
L6EM_TO<1:0>
L7EM_TO<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-6
Unimplemented
bit 5-4
L5EM_TO<1:0>: Defines the tEM_TIMEOUT setting, as shown below. Is applied when the Legacy 5 charger emulation
profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
=
6.4s
11
= 12.8s
bit 3-2
L6EM_TOV<1:0>: Defines the tEM_TIMEOUT setting, as shown below. Is applied when the Legacy 6 charger
emulation profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
=
6.4s
11
= 12.8s
bit 1-0
L7EM_TO<1:0>: Defines the tEM_TIMEOUT setting, as shown below. Is applied when the Legacy 7 charger emulation
profile is used during the DCE Cycle.
00
= 0.8s
01
= 1.6s
10
=
6.4s
11
= 12.8s
Name
Bits
Address
Cof
Default
Applied Charger Emulation
8
30h
R
00h
Preloaded Emulation
Stimulus 1 - Config 1
8
31h
R
00h
Preloaded Emulation
Stimulus 1 - Config 2
8
32h
R
26h
Preloaded Emulation
Stimulus 1 - Config 3
8
33h
R
00h
Preloaded Emulation
Stimulus 1 - Config 4
8
34h
R
02h
Preloaded Emulation
Stimulus 2 - Config 1
8
35h
R
00h
Preloaded Emulation
Stimulus 2 - Config 2
8
36h
R
09h
Preloaded Emulation
Stimulus 2 - Config 3
8
37h
R
00h
Preloaded Emulation
Stimulus 2 - Config 4
8
38h
R
04h
Preloaded Emulation
Stimulus 3 - Config 1
8
39h
R
00h
Preloaded Emulation
Stimulus 3 - Config 2
8
3Ah
R
00h
Preloaded Emulation
Stimulus 3 - Config 3
8
3Bh
R
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com