Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 59 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 59 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 59
UCS81003
10.4.5
HIGH-SPEED SWITCH
CONFIGURATION REGISTER
The contents of this register are retained in Sleep.
REGISTER 10-12: HIGH-SPEED SWITCH CONFIGURATION REGISTER (ADDRESS 25H)
U-x
U-x
U-x
R/W-1
R/W-0
R/W-1
R/W-0
R/W-0
—
—
—
RESERVED
HSW_CUST
HSW_CDP
HSW_DET
HSW_DCE
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-5
Unimplemented
bit 4
RESERVED: Do not change.
bit 3
HSW_CUST: Enables the USB high-speed data switch to be active during the Custom handshake. This
control is checked at the beginning of charger emulation. Therefore, changing this control during emula-
tion will have no immediate effect. Upon restarting charger emulation (as a result of the EM_RETRY bit
being set, a Removal Detection event, or change of emulation controls), the high-speed switch will close.
1
=
The USB high-speed data switch is enabled while the Custom charger emulation profile is applied.
Also, if the Custom charger emulation profile is accepted during the Dedicated Charger Emulation
Cycle, the high-speed switch will stay closed.
0
=
The USB high-speed data switch is disabled while the Custom charger emulation profile is applied.
bit 2
HSW_CDP: Enables the USB high-speed data switch to be active during the CDP handshake. This con-
trol is checked at the beginning of charger emulation. Therefore, changing this control during emulation
will have no immediate effect. Upon restarting charger emulation (as a result of a Removal Detection
event or change of emulation controls), the high-speed switch will close.
1
=
The USB high-speed data switch is enabled during the CDP handshake.
0
=
The USB high-speed data switch is disabled during the CDP handshake.
bit 1
HSW_DET: Enables the USB high-speed data switch to be active during the Detect power state. If the
S0 control is set to ‘0’, this bit is ignored.
1
=
The USB high-speed data switch will be closed during the Detect power state.
0
=
The USB high-speed data switch is open during the Detect power state.
bit 0
HSW_DCE: Enables the USB high-speed data switch after the DCP charger emulation profile or one of
the Legacy charger emulation profiles was accepted during the DCE Cycle and the portable device is
charging. This bit is ignored if the UCS81003 is not in the Active state. This bit will not cause the high-
speed switch to be closed during emulation when the DCP and Legacy profiles are applied, only after
the DCP or a Legacy charger emulation profile has been accepted.
1
=
The USB high-speed data switch will be closed.
0
= The USB high-speed data switch will be open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com