Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 58 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 58 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 54Page - Microchip Technology UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 108 page
background image
UCS81003
DS20005334A-page 58
 2014 Microchip Technology Inc.
10.4.4
ATTACH DETECTION
CONFIGURATION RESISTER
The contents of this register are retained in Sleep.
bit 2
S0_SET: In SMBus mode, enables the Attach and Removal Detection feature and affects the power
state (see Section 9.2 “Active Mode Selection”).
1
=
Detection is enabled. Also see Table 5-2.
0
= Detection is not enabled. Also see Table 5-2.
bit 1
PWR_ENS: Controls whether the port power switch may be turned on or not and affects the power state
(see Section 5.3.4 “PWR_EN Input”). This bit is OR’d with the PWR_EN pin and the polarity of both
are controlled by SEL pin decode. Thus, if the polarity is set to active high, either the PWR_EN pin or
this bit must be ‘1’ to enable the port power switch.
bit 0
LATCHS: In SMBus mode, controls the fault handling routine that is used in the case that an error is
detected (see Section 5.3.5 “Latch Input”).
1
=
The UCS81003 will latch its error conditions. In order for the device to return to normal Active state,
the ERR bit must be cleared by the user.
0
= The UCS81003 will automatically retry when an error condition is detected.
REGISTER 10-10: SWITCH CONFIGURATION REGISTER (ADDRESS 17H) (CONTINUED)
REGISTER 10-11: ATTACH DETECTION CONFIGURATION REGISTER (ADDRESS 18H)
R/W-0
R/W-1
R/W-0
R/W-0
R/W-0
R/W-1
R/W-1
R/W-0
RESERVED
DISCHG_TIME_SEL<1:0>
ATT_TH<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7-4
RESERVED: Do not change.
bit 3-2
DISCHG_TIME_SEL<1:0>: Sets the tDISCHARGE time as follows:
00
= 100 ms
01
= 200 ms
10
= 300 ms
11
= 400 ms
bit 1-0
ATT_TH<1:0>: Determines the Attach Detection threshold (IDET_QUAL) and Removal Detection thresh-
olds (IREM_QUAL_DET and IREM_QUAL_ACT) as shown below. (Note 1)
00
= 200 µA Attach, 100 µA Removal Threshold
01
= 400 µA Attach, 300 µA Removal Threshold
10
= 800 µA Attach, 700 µA Removal Threshold
11
= 1000 µA Attach, 900 µA Removal Threshold
Note 1:
The removal threshold is different when operating in the Active power state versus when operating in the
Detect power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com