Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 54 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 54 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 50Page - Microchip Technology UCS81003 Datasheet HTML 51Page - Microchip Technology UCS81003 Datasheet HTML 52Page - Microchip Technology UCS81003 Datasheet HTML 53Page - Microchip Technology UCS81003 Datasheet HTML 54Page - Microchip Technology UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 108 page
background image
UCS81003
DS20005334A-page 54
 2014 Microchip Technology Inc.
10.3.3
PIN STATUS REGISTER
The Pin Status register reflects the current pin state of
the external control pins as well as identifying the power
state. These bits are linked to the X_SET bits (see
Section 10.4.3 “Switch Configuration Register”).
bit 1
LG2: Indicates that the portable device successfully performed a handshake with the Legacy 2 charger emu-
lation profile and is charging. The high-speed switch will be controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”). The port power switch current limiting mode
is determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom Current Lim-
iting Behavior Configuration Register”).
1
=
Handshake successful with the Legacy 2 charger emulation profile and charging.
0
=
Not charging with Legacy 2 charger emulation profile.
bit 0
LG1: Indicates that the portable device successfully performed a handshake with the Legacy 1 charger emu-
lation profile and is charging. The high-speed switch will be controlled via the HSW_DCE bit (see
Section 10.4.5 “High-Speed Switch Configuration Register”). The port power switch current limiting mode
is determined by the Custom current limiting behavior settings (see Section 10.14.2 “Custom Current Lim-
iting Behavior Configuration Register”).
1
=
Handshake successful with the Legacy 1 charger emulation profile and charging.
0
=
Not charging with Legacy 1 charger emulation profile.
REGISTER 10-6:
PROFILE STATUS 2 REGISTER (ADDRESS 13H) (CONTINUED)
REGISTER 10-7:
PIN STATUS REGISTER (ADDRESS 14H)
U-x
R-0
R-0
R-0
R-0
R-0
R-0
R-0
—
PWR_EN_PIN
M2_PIN
M1_PIN
EM_EN_PIN
SEL_PIN
PWR_STATE<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6
PWR_EN_PIN: Reflects the PWR_EN control state. This bit is set and cleared automatically as the
PWR_EN pin/PWR_ENS bit state changes.
1
=
PWR_EN is Logic 1
0
=
PWR_EN is Logic 0
bit 5
M2_PIN: Reflects the M2 pin state. This bit is set and cleared automatically as the M2 pin/M2_SET
state changes.
1
=
M2 is Logic 1
0
=
M2 is Logic 0
bit 4
M1_PIN: Reflects the M1 pin state. This bit is set and cleared automatically as the M1 pin/M1_SET
state changes.
1
=
M1 is Logic 1
0
=
M1 is Logic 0
bit 3
EM_EN_PIN: Reflects the EM_EN pin state. This bit is set and cleared automatically as the EM_EN
pin/EM_EN_SET state changes.
1
=
EM_EN is Logic 1
0
=
EM_EN Logic 0
bit 2
SEL_PIN: Reflects the polarity settings determined by the SEL pin decode. This bit is set or cleared auto-
matically upon device power-up as the SEL pin is decoded.
1
= The PWR_EN control is active high
0
= The PWR_EN control is active low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com