Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 75 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 75 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 71Page - Microchip Technology UCS81003 Datasheet HTML 72Page - Microchip Technology UCS81003 Datasheet HTML 73Page - Microchip Technology UCS81003 Datasheet HTML 74Page - Microchip Technology UCS81003 Datasheet HTML 75Page - Microchip Technology UCS81003 Datasheet HTML 76Page - Microchip Technology UCS81003 Datasheet HTML 77Page - Microchip Technology UCS81003 Datasheet HTML 78Page - Microchip Technology UCS81003 Datasheet HTML 79Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 75
UCS81003
REGISTER 10-32: PRELOADED EMULATION STIMULUS 3 CONFIGURATION 1 REGISTER
(ADDRESS 39H)
U-x
R-0
R-0
R-0
R-0
R-0
R-0
R-0
S3_TD_TYPE
S3_TD<2:0>
STIM3<2:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6
S3_TD_TYPE: Determines the behavior of the stimulus timer.
1
=
The stimulus timer controls how long the response is applied after the stimulus is detected. The
response is applied immediately and held for the duration of the timer, then removed (if the stimulus
has been removed).
0
=
The stimulus timer is a delay from when the stimulus is detected until the response is performed.
bit 5-3
S3_TD<2:0>: Determines the Stimulus 3 tSTIM_DEL value as shown below:
000
=0 ms
001
=1 ms
010
=5 ms
011
= 10 ms
100
= 20 ms
101
= 40 ms
110
= 80 ms
111
= 100 ms
bit 2-0
STIM3<2:0>: Determines the Stimulus 3 that is used as shown below. Note that the lower threshold for
the window comparator option is fixed at 400 mV and only applies to the DPOUT pin. This setting cannot
be used for the DMOUT port.
000
=VBUS voltage ready to be applied before port power switch is closed. Next stimulus will not wait
for this to be removed.
001
= DPOUT voltage is greater than the threshold (S3_TH).
010
= Window comparator. DPOUT voltage is less than the threshold (S3_TH) and DPOUT voltage
greater than the fixed threshold.
011
=DMOUT voltage is greater than the threshold (S3_TH).
100
= Do not use.
101
= Do not use.
110
=DPOUT voltage is greater than the threshold (S3_TH).
111
= Voltage is present after the port power switch is closed. Next stimulus will not wait for this to
be removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com