Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 64 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 64 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 60Page - Microchip Technology UCS81003 Datasheet HTML 61Page - Microchip Technology UCS81003 Datasheet HTML 62Page - Microchip Technology UCS81003 Datasheet HTML 63Page - Microchip Technology UCS81003 Datasheet HTML 64Page - Microchip Technology UCS81003 Datasheet HTML 65Page - Microchip Technology UCS81003 Datasheet HTML 66Page - Microchip Technology UCS81003 Datasheet HTML 67Page - Microchip Technology UCS81003 Datasheet HTML 68Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 108 page
background image
UCS81003
DS20005334A-page 64
 2014 Microchip Technology Inc.
10.11 Preloaded Emulation Timeout
Configuration Registers
The Preloaded Emulation Timeout Configuration regis-
ters control the tEM_TIMEOUT setting that is applied
whenever the indicated preloaded charger emulation
profile is applied during the DCE Cycle. These settings
are not used if the EM_TO_DIS bit is set.
The contents of this registers are retained in Sleep.
REGISTER 10-19: LEGACY EMULATION ENABLE REGISTER (ADDRESS 21H)
U-x
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—
L7EM_DIS
L6EM_DIS
L5EM_DIS
L4EM_DIS
L3EM_DIS
L2EM_DIS
L1EM_DIS
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
Unimplemented
bit 6
L7EM_DIS: Disables the Legacy 7 charger emulation profile.
1
=
The Legacy 7 charger emulation profile is not enabled.
0
=
The Legacy 7 charger emulation profile is enabled.
bit 5
L6EM_DIS: Disables the Legacy 6 charger emulation profile.
1
=
The Legacy 6 charger emulation profile is not enabled.
0
=
The Legacy 6 charger emulation profile is enabled.
bit 4
L5EM_DIS: Disables the Legacy 5 charger emulation profile.
1
=
The Legacy 5 charger emulation profile is not enabled.
0
=
The Legacy 5 charger emulation profile is enabled.
bit 3
L4EM_DIS: Disables the Legacy 4 charger emulation profile.
1
=
The Legacy 4 charger emulation profile is not enabled.
0
=
The Legacy 4 charger emulation profile is enabled.
bit 2
L3EM_DIS: Disables the Legacy 3 charger emulation profile.
1
=
The Legacy 3 charger emulation profile is not enabled.
0
=
The Legacy 3 charger emulation profile is enabled.
bit 1
L2EM_DIS: Disables the Legacy 2 charger emulation profile.
1
=
The Legacy 2 charger emulation profile is not enabled.
0
=
The Legacy 2 charger emulation profile is enabled.
bit 0
L1EM_DIS: Disables the Legacy 1 charger emulation profile.
1
=
The Legacy 1 charger emulation profile is not enabled.
0
=
The Legacy 1 charger emulation profile is enabled.
Name
Bits
Address
Cof
Default
BCS Emulation
Timeout Config
8
22h
R/W
10h
Legacy Emulation
Timeout Config 1
8
23h
R/W
6Ch
Legacy Emulation
Timeout Config 2
8
24h
R/W
01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com