Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 29 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 29 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 25Page - Microchip Technology UCS81003 Datasheet HTML 26Page - Microchip Technology UCS81003 Datasheet HTML 27Page - Microchip Technology UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 29
UCS81003
5.1.3
DETECT STATE OPERATION
When the UCS81003 is in the Detect state, the port
power switch will be disabled. The high-speed switch is
also disabled by default. The VBUS output will be
connected to the VDD voltage by a secondary bypass
switch (see Section 8.0 “Detect State”).
There is one non-recommended configuration which
places the UCS81003 in the Detect state, but VBUS will
not be discharged and a portable device attachment
will
not
be
detected.
For
the
recommended
configurations, see Table 5-2.
There are two methods for transitioning from the Detect
state to the Active state: automatic and host-controlled.
5.1.3.1
Automatic Transition
from Detect to Active
For the Detect state, set S0 to ‘1’, enable PWR_EN, set
the EM_EN, M1 and M2 controls to the desired Active
mode (Table 9-1), and supply VS >VS_UVLO. When a
portable device is attached and an Attach Detection
event
occurs,
the
UCS81003
will
automatically
transition to the Active state and operate according to
the selected Active mode.
5.1.3.2
Host-Controlled Transition from
Detect to Active
For the Detect state, set S0 to ‘1’, set the EM_EN, M1
and M2 controls to the desired Active mode (Table 9-1),
and configure one of the following:
• disable PWR_EN and supply VS,
OR
• enable PWR_EN and don’t supply VS. When a
portable device is attached and an Attach
Detection event occurs, the host must respond to
transition to the Active state.
Depending on the control settings in the Detect state,
this could entail:
• enabling PWR_EN
OR
• supplying VS above the threshold.
5.1.3.3
State Change from Detect to Active
When conditions cause the UCS81003 to transition from
the Detect state to the Active state, the following occurs:
1.
The Attach Detection feature will be disabled;
the
Removal
Detection
feature
remains
enabled, unless S0 is changed to ‘0’.
2.
The bypass switch will be turned off.
3.
The discharge switch will be turned on briefly
for tDISCHARGE.
4.
The port power switch will be turned on.
5.1.4
ACTIVE STATE OPERATION
Every time that the UCS81003 enters the Active state
and the port power switch is closed, it will enter the
mode as instructed by the host controller (see
Section 9.0 “Active State”). The UCS81003 cannot
be in the Active state (and therefore, the port power
switch cannot be turned on) if any of the following
conditions exist:
•VS <VS_UVLO
• PWR_EN is disabled
• M1, M2 and EM_EN are all set to '0'
• S0 is set to ‘1’ and an Attach Detection event has
not occurred
5.1.5
ERROR STATE OPERATION
The UCS81003 will enter the Error state from the
Active state when any of the following events are
detected:
• The maximum allowable internal die temperature
(TTSD) has been exceeded (see Section 7.2.1.2
“Thermal Shutdown”).
• An overcurrent condition has been detected (see
Section 7.1.1 “Current Limit Setting”).
• An undervoltage condition on VBUS has been
detected (see Section 5.2.5 “Undervoltage
Lockout on VS”).
• A back-drive condition has been detected (see
Section 5.2.3 “Back-voltage Detection”).
• A discharge error has been detected (see
Section 7.3 “VBUS Discharge”).
• An overvoltage condition on the VS pins.
The UCS81003 will enter the Error state from the
Detect state when a back-drive condition has been
detected or when the maximum allowable internal die
temperature has been exceeded.
The UCS81003 will enter the Error state from the Sleep
state when a back-drive condition has been detected.
When the UCS81003 enters the Error state, the port
power switch, VBUS bypass switch and the high-speed
switch are turned off, and the ALERT# pin is asserted
(by default). They will remain off while in this power
state. The UCS81003 will leave this
state as
determined by the fault handling selection (see
Section 7.5 “Fault Handling Mechanism”).
Note:
If S0 is '1', PWR_EN is enabled and VS is
not present, the A_DET# pin will cycle if
the current draw exceeds the current
capacity of the bypass switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com