Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 34 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 34 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
UCS81003
DS20005334A-page 34
 2014 Microchip Technology Inc.
7.2
Thermal Management and Voltage
Protection
7.2.1
THERMAL MANAGEMENT
The UCS81003 utilizes two-stage internal thermal
management. The first is named Dynamic Thermal
Management and the second is a Fixed Thermal
Shutdown.
7.2.1.1
Dynamic Thermal Management
For the first stage (active in both current limiting
modes), referred to as Dynamic Thermal Management,
the UCS81003 automatically adjusts port power switch
limits and modes to lower power dissipation when the
thermal regulation temperature value is approached,
as described below.
If the internal temperature exceeds the TREG value, the
port power switch is opened, the current limit (ILIM) will
be lowered by one step and a timer is started
(tDC_TEMP). When this timer expires, the port power
switch is closed and the internal temperature will be
checked again. If it remains above the TREG threshold,
the UCS81003 will repeat this cycle (open port power
switch and reduce the ILIM setting by one step) until ILIM
reaches its minimum value.
If the UCS81003 is operating using Constant Current
Limiting (variable slope) and the ILIM setting has been
reduced to its minimum set point and the temperature
is still above TREG, the UCS81003 will switch to
operating using Trip Current Limiting. This will be done
by reducing the IBUS_R2MIN setting to 120 mA and
restoring the ILIM setting to the value immediately
below the programmed setting (e.g., if the programmed
ILIM is 2.05A, the value will be set to 1.68A). If the
temperature continues to remain above TREG, the
UCS81003 will continue this cycle (open the port power
switch and reduce the ILIM setting by one step).
If the UCS81003 internal temperature drops below
TREG –TREG_HYST, the UCS81003 will take action
based on the following:
1.
If the Current Limit mode changed from CC
mode to Trip mode, then a timer is started. When
this timer expires, the UCS81003 will reset the
port power switch operation to its original
configuration, allowing it to operate using
Constant Current Limiting (variable slope).
2.
If the Current Limit mode did not change from CC
mode to Trip mode, or was already operating in
Trip mode, the UCS81003 will reset the port power
switch operation to its original configuration.
If the UCS81003 is operating using Trip Current
Limiting and the ILIM setting has been reduced to its
minimum set point and the temperature is above TREG,
the port power switch will be closed and the current
limit will be held at its minimum setting until the
temperature drops below TREG –TREG_HYST.
7.2.1.2
Thermal Shutdown
The second-stage thermal management consists of a
hardware
implemented
thermal
shutdown
corresponding to the maximum allowable internal die
temperature
(TTSD). If the internal temperature
exceeds this value, the port power switch will
immediately be turned off until the temperature is below
TTSD –TTSD_HYST.
7.3
VBUS Discharge
The UCS81003 will discharge VBUS through an internal
100
 resistor when at least one of the following
conditions occurs:
• The PWR_EN control is disabled (triggered on the
inactive edge of the PWR_EN control).
• A portable device Removal Detection event is
flagged.
•The VS voltage drops below a specified
threshold (VS_UVLO) that causes the port power
switch to be disabled.
• When commanded into the Sleep power state via
the EM_EN, M1 and M2 controls.
• Before each charger emulation profile is applied.
• Upon recovery from the Error state.
• When commanded via the SMBus (see
Section 10.4 “Configuration Registers”) in the
Active state.
• Any time that the port power switch is activated
after the VBUS bypass switch has been on (i.e.,
whenever VBUS voltage transitions from being
driven from VDD to being driven from VS, such as
going from Detect to Active power state).
• Any time that the VBUS bypass switch is activated
after the port power switch has been on (i.e.,
going from Active to Detect power state).
Note 1: If the temperature exceeds the TREG
threshold while operating in the DCE
Cycle mode after a charger emulation pro-
file has been accepted, the profile will be
removed. The UCS81003 will not restart
the DCE Cycle until one of the control
inputs changes states to restart emulation.
2: The
UCS81003
will
not
actively
discharge VBUS as a result of the
temperature exceeding TREG; however,
any load current provided by a portable
device or other load will cause VBUS to be
discharged when the port power switch is
opened, possibly resulting in an attached
portable device resetting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com