Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 36 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 36 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 108 page
background image
UCS81003
DS20005334A-page 36
 2014 Microchip Technology Inc.
7.4.1
CHARGE RATIONING
INTERACTIONS
When charge rationing is active, regardless of the
specified
behavior,
the
UCS81003
will
function
normally until the charge rationing threshold is
reached. Note that charge rationing is only active when
the UCS81003 is in the Active state, and it does not
automatically reset when a Removal or Attach
Detection event occurs. Charger emulation will start
over if a Removal Detection event and Attach Detection
event occur while charge rationing is active and the
charge rationing threshold has not been reached. This
allows charging of sequential portable devices while
charge is being rationed, which means that the
accumulated power given to several portable devices
will still be held to the stated rationing limit.
Changing the charge rationing behavior will have no
effect on the charge rationing data registers. If the
behavior is changed prior to reaching the charge
rationing threshold, this change will occur and be
transparent to the user. When the charge rationing
threshold is reached, the UCS81003 will take action, as
shown in Table 7-1. If the behavior is changed after the
charge rationing threshold has been reached, the
UCS81003
will
immediately
adopt
the
newly
programmed behavior, clearing the ALERT# pin and
restoring switch operation respectively (see Table 7-3).
Disconnect
and Go to Sleep
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
3.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated power state
if the controls changed (Note 1).
Ignore
1.
Reset the Total Accumulated Charge registers.
2.
Clear the RATION status bit.
TABLE 7-2:
CHARGE RATIONING RESET BEHAVIOR (CONTINUED)
Behavior
Reset Actions
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS81003 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).
TABLE 7-3:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New
Behavior
Actions taken
Ignore
Report
Assert ALERT# pin.
Report
and
Disconnect
1.
Assert ALERT# pin.
2.
Remove charger emulation profile.
3.
Open port power switch. See the Report and Disconnect (default) in Table 7-1.
Disconnect
and
Go to Sleep
1.
Remove charger emulation profile.
2.
Open port power switch.
3.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-1.
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS81003 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com