Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 56 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 56 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 52Page - Microchip Technology UCS81003 Datasheet HTML 53Page - Microchip Technology UCS81003 Datasheet HTML 54Page - Microchip Technology UCS81003 Datasheet HTML 55Page - Microchip Technology UCS81003 Datasheet HTML 56Page - Microchip Technology UCS81003 Datasheet HTML 57Page - Microchip Technology UCS81003 Datasheet HTML 58Page - Microchip Technology UCS81003 Datasheet HTML 59Page - Microchip Technology UCS81003 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 108 page
background image
UCS81003
DS20005334A-page 56
 2014 Microchip Technology Inc.
10.4.2
EMULATION CONFIGURATION
REGISTER
The contents of this register are retained in Sleep.
bit 2
RTN_RST: Ration Reset – resets the charge rationing functionality. When this bit is set to ‘1’, the Total
Accumulated Charge registers are reset to 00_00h. In addition, when this bit is set, the RATION status
bit will be cleared and, if there are no other errors or active indicators, the ALERT# pin will be released.
1
=
EM_EN is Logic 1
0
=
EM_EN is Logic 0
bit 1-0
RATION_BEH<1:0>: Controls the behavior when the power rationing threshold is reached as shown
in Table 7-1.
00
= Report
01
= Report and Disconnect
10
= Disconnect and Go to Sleep
11
= Ignore
REGISTER 10-8:
GENERAL CONFIGURATION REGISTER (ADDRESS 15H) (CONTINUED)
REGISTER 10-9:
EMULATION CONFIGURATION REGISTER (ADDRESS 16H)
R/W-1
U-x
U-x
R/W-0
R/W-1
R/W-1
R/W-0
R/W-0
DIS_TO
—
—
EM_TO_DIS
EM_RETRY
EM_RESP
EM_RESET_TIME<1:0>
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
DIS_TO: Disable Timeout: Disables the Timeout and Idle Reset functionality (see Section 11.2.1.6
“SMBus Timeout and Idle Reset”).
1
=
The Timeout and Idle Reset functionality is disabled. This is used for I2C compliance.
0
=
The Timeout and Idle Reset functionality is enabled.
bit 6-5
Unimplemented
bit 4
EM_TO_DIS: Emulation Timeout Disable - Disables the emulation circuitry timeout for all charger emu-
lation profiles in the DCE Cycle. There is a separate bit to enable/disable the emulation timeout for the
Custom Charger Emulation profile (Register 10-35); however, if the EM_TO_DIS bit is set, the emula-
tion timeout will also be disabled for the Custom charger emulation profile. (Note 1)
1
=
Emulation timeout is disabled during the DCE Cycle. The applied charger emulation profile will not
exit as a result of an emulation timeout event. The IBUS current will be checked continuously and
if it exceeds the IBUS_CHG threshold for any reason, the charger emulation profile will be accepted.
0
=
Emulation timeout is enabled during the DCE Cycle. An individual charger emulation profile will
be applied and maintained for the duration of the tEM_TIMEOUT value. When this timer expires, the
UCS81003 will determine whether the charger emulation profile was successful and take appro-
priate action.
bit 3
EM_RETRY: Configures whether the DCE Cycle will reset and restart if it reaches the final profile with-
out the portable device drawing charging current and accepting one of the profiles. This bit is only used
if the UCS81003 is configured to emulate a dedicated charger.
1
=
Once the DCE Cycle is completed, it will perform emulation reset and restart from the first enabled
charger emulation profile in the DCE Cycle.
0
=
Once the DCE Cycle is completed, it will not restart. The DPOUT and DMOUT will be left as High Z
pins and the port power switch will be closed. The Current Limiting mode is determined by the
Custom Current Limiting Behavior settings (see Section 10.14.2 “Custom Current Limiting
Behavior Configuration Register”).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com