Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 100 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 100 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 96Page - Microchip Technology UCS81003 Datasheet HTML 97Page - Microchip Technology UCS81003 Datasheet HTML 98Page - Microchip Technology UCS81003 Datasheet HTML 99Page - Microchip Technology UCS81003 Datasheet HTML 100Page - Microchip Technology UCS81003 Datasheet HTML 101Page - Microchip Technology UCS81003 Datasheet HTML 102Page - Microchip Technology UCS81003 Datasheet HTML 103Page - Microchip Technology UCS81003 Datasheet HTML 104Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 108 page
background image
UCS81003
DS20005334A-page 100
 2014 Microchip Technology Inc.
11.3
Stand-Alone Operating Mode
Stand-Alone mode allows the UCS81003 to operate
without active SMBus/I2C communications. Stand-
Alone mode can be enabled by connecting a pull-down
resistor
greater
or
equal
to
47 k
 on the
COMM_SEL/ILIM pin as shown in Table 11-1.
When the device is configured to operate in Stand-
Alone mode, the fault handling and Attach Detection
controls are determined via the LATCH and S0 pins as
shown in Table 11-10.
In the Stand-Alone operating mode, communications
from and to the UCS81003 are limited to the PWR_EN,
EM_EN, M2, M1, ALERT# and A_DET# pins.
Note:
If it is necessary to connect the S0 or
LATCH pins to VDD via a pull-up resistor,
the pull-up resistor value should be
100 k
 in order to guarantee V
IH
specification. Similarly, if it is necessary to
connect the S0 or LATCH pins to GND via
a pull-down resistor, the pull-down resistor
value should be 100 k
 in order to
guarantee VIL specification.
TABLE 11-10: STAND-ALONE FAULT AND ATTACH DETECTION SELECTION
Latch Pin
S0 Pin
Command
Low
Low
No Attach Detection. Auto-Recovery upon error detection.
Low
High
Attach Detection in the Detect power state. Auto-Recovery upon error detection.
High
Low
No Attach Detection. Error states are Latched and require host to change
PWR_EN control to recover from Error state.
High
High
Attach Detection in the Detect power state. Error states are Latched and
require host to change PWR_EN control to recover from Error state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com