Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 103 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 103 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 99Page - Microchip Technology UCS81003 Datasheet HTML 100Page - Microchip Technology UCS81003 Datasheet HTML 101Page - Microchip Technology UCS81003 Datasheet HTML 102Page - Microchip Technology UCS81003 Datasheet HTML 103Page - Microchip Technology UCS81003 Datasheet HTML 104Page - Microchip Technology UCS81003 Datasheet HTML 105Page - Microchip Technology UCS81003 Datasheet HTML 106Page - Microchip Technology UCS81003 Datasheet HTML 107Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 103
UCS81003
Microchip Technology Drawing C04-334A Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Terminals
Overall Height
Terminal Width
Overall Width
Overall Length
Terminal Length
Exposed Pad Width
Exposed Pad Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
(A3)
e
L
N
0.50 BSC
0.20 REF
0.50
0.18
0.80
0.00
0.23
0.60
0.85
0.01
MILLIMETERS
MIN
NOM
28
0.70
0.30
0.90
0.05
MAX
K-
0.20
-
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is punch singulated
Dimensioning and tolerancing per ASME Y14.5M
Terminal-to-Exposed-Pad
28-Lead Very Thin Plastic Quad Flat Pack, No Lead Package (PV) 5x5 mm Body [VQFN]
Molded Cap Width
Molded Cap Length
With Rectangular Exposed Pad
D
E2
D2
E
2.80
2.50
5.00 BSC
2.60
2.90
5.00 BSC
3.00
2.70
D1
E1
4.75 BSC
4.75 BSC
Corner Chamfer
CH
0.24
0.42
0.60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com