Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 104 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 104 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 100Page - Microchip Technology UCS81003 Datasheet HTML 101Page - Microchip Technology UCS81003 Datasheet HTML 102Page - Microchip Technology UCS81003 Datasheet HTML 103Page - Microchip Technology UCS81003 Datasheet HTML 104Page - Microchip Technology UCS81003 Datasheet HTML 105Page - Microchip Technology UCS81003 Datasheet HTML 106Page - Microchip Technology UCS81003 Datasheet HTML 107Page - Microchip Technology UCS81003 Datasheet HTML 108Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 104 / 108 page
background image
UCS81003
DS20005334A-page 104
 2014 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
3.00
2.70
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.70
Contact Pad Length (X28)
Contact Pad Width (X28)
Y1
X1
1.05
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2334A
NOM
SILK SCREEN
1
2
28
C1
Contact Pad Spacing
4.70
Contact Pad to Center Pad (X28)
(G1)
0.475 REF
C2
C1
X2
Y2
X1
E
Y1
(G1)
28-Lead Very Thin Plastic Quad Flat, No Lead Package (PV) - 5x5 mm Body [VQFN]
With Rectangular Exposed Pad
EV
EV
ØV
Thermal Via Diameter
V
0.30
Thermal Via Pitch
EV
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com