Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 31 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 31 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 27Page - Microchip Technology UCS81003 Datasheet HTML 28Page - Microchip Technology UCS81003 Datasheet HTML 29Page - Microchip Technology UCS81003 Datasheet HTML 30Page - Microchip Technology UCS81003 Datasheet HTML 31Page - Microchip Technology UCS81003 Datasheet HTML 32Page - Microchip Technology UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 31
UCS81003
5.3.4
PWR_EN INPUT
The PWR_EN control enables the port power switch to
be turned on if conditions are met and affects the power
state (see Table 5-2). The port power switch cannot be
closed if PWR_EN is disabled. However, if PWR_EN is
enabled, the port power switch is not necessarily
closed (see Section 5.1.4 “Active State Operation”).
Polarity is controlled by the SEL pin. In SMBus mode,
the PWR_EN pin state will be ignored by the
UCS81003 if the PIN_IGN configuration bit is set (see
Section 10.4.3 “Switch Configuration Register”);
otherwise, the PWR_ENS configuration bit (see
Section 10.4.3 “Switch Configuration Register”) is
checked along with the pin.
5.3.5
LATCH INPUT
The Latch input control determines the behavior of the
fault handling mechanism (see Section 7.5 “Fault
Handling Mechanism”).
When the UCS81003 is configured to operate in Stand-
Alone
mode
(see
Section 11.3
“Stand-Alone
Operating Mode”), the LATCH control is available
exclusively via the LATCH pin (see Table 11-10). When
the UCS81003 is configured to operate in SMBus
mode, the LATCH control is available exclusively via
the LATCHS configuration bit (see Section 10.4.3
“Switch Configuration Register”).
5.3.6
S0 INPUT
The S0 control enables the Attach and Removal
Detection feature and affects the power state (see
Table 5-2). When S0 is set to ‘1’, an Attach Detection
event must occur before the port power switch can be
turned on (this statement requires PWR_EN_BEH OTP
bit is set to ‘1’). When S0 is set to ‘0’, the Attach and
Removal Detection feature is not enabled.
When the device is configured to operate in SMBus
mode (see Section 11.3 “Stand-Alone Operating
Mode”), the S0 control is available exclusively via the
S0_SET configuration bit (see Section 10.4.3 “Switch
Configuration Register”). Otherwise, the S0 control is
available exclusively via the S0 pin since the SMBus
protocol will be disabled.
5.4
Discrete Output Pins
5.4.1
ALERT# AND A_DET#
OUTPUT PINS
The ALERT# pin is an active low open-drain interrupt to
the host controller. The ALERT# pin is asserted (by
default
-
see
ALERT_MASK
in
Section 10.4.1
“General Configuration Register”) when an error
occurs (see Register 10-3). The ALERT# pin can also
be asserted when the LOW_CUR (portable device is
pulling less current and may be finished charging) or
TREG (thermal regulation temperature exceeded) bits
are set and linked. As well, when charge rationing is
enabled, the ALERT# pin is asserted by default when
the
current
rationing
threshold
is
reached
(as
determined by RATION_BEH<1:0> - see Table 7-1).
The ALERT# pin is released when all error conditions
that may assert the ALERT# pin (such as an error
condition, charge rationing, and TREG and LOW_CHG
if linked) have been removed or reset as necessary.
The A_DET# pin provides an active-low open-drain
output indication that a valid Attach Detection event
has occurred. It will remain asserted until the
UCS81003 is placed into the Sleep state or a Removal
Detection event occurs. For wake on USB, the A_DET#
pin assertion can be utilized by the system. If the S0
control is ‘0’ and the UCS81003 is in the Active state,
the A_DET# pin will be asserted regardless if a
portable device is attached or not. If S0 is '1', PWR_EN
is enabled and VS is not present, the A_DET# pin will
cycle if the current draw exceeds the current capacity
of the bypass switch.
5.4.2
INTERRUPT BLANKING
The ALERT# and A_DET# pins will not be asserted for
a specified time (up to tBLANK) after power-up.
Additionally, an error condition (except for the thermal
shutdown) must be present for longer than a specified
time (tMASK) before the ALERT# pin is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com