Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 37 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 37 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 33Page - Microchip Technology UCS81003 Datasheet HTML 34Page - Microchip Technology UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 37
UCS81003
If the RTN_EN control is set to ‘0’ prior to reaching the
charge rationing threshold, rationing will be disabled
and the Total Accumulated Charge registers will be
cleared. If the RTN_EN control is set to ‘0’ after the
charge rationing threshold has been reached, the
following will be done:
1.
RATION status bit will be cleared.
2.
The ALERT# pin will be released if asserted by
the rationing circuitry and no other conditions
are present.
3.
The M1, M2, EM_EN, S0 and PWR_EN controls
are checked to determine the power state. See
Note 1 in Table 7-3.
Setting the RTN_RST control to ‘1’ will automatically
reset the Total Accumulated Charge registers to
00_00h. If this is done prior to reaching the charge
rationing threshold, the data will continue to be
accumulated restarting from 00_00h. If this is done
after the charge rationing threshold is reached, the
UCS81003 will take action, as shown in Table 7-2.
Report
Ignore
Release ALERT# pin.
Report
and
Disconnect
Open port power switch. See the Report and Disconnect (default) entry in Table 7-1.
Disconnect
and
Go to Sleep
1.
Release the ALERT# pin.
2.
Remove charger emulation profile.
3.
Open the port power switch.
4.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-1.
Report and
Disconnect
Ignore
1.
Release the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 1).
Report
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 1).
Disconnect
and
Go to Sleep
1.
Release the ALERT# pin.
2.
Enter the Sleep state. See the Disconnect and Go to Sleep entry in Table 7-1.
Disconnect
and Go to
Sleep
Ignore
Check the M1, M2, EM_EN, S0, and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 1).
Report
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls and enter the indicated
power state if the controls changed (see Note 1).
Report
and
Disconnect
1.
Assert the ALERT# pin.
2.
Check the M1, M2, EM_EN, S0 and PWR_EN controls to determine the power
state, then enter that state except that the port power switch and bypass switch
will not be closed (see Note 1).
TABLE 7-3:
EFFECTS OF CHANGING RATIONING BEHAVIOR AFTER THRESHOLD REACHED
Previous
Behavior
New
Behavior
Actions taken
Note 1:
Any time the charge rationing circuitry checks the pin conditions when changing rationing behavior or
resetting charge rationing, if the external pin conditions have changed, then charger emulation will be
restarted (provided emulation is enabled via the pin states). If the pin conditions have not changed, the
UCS81003 returns to the previous power state as if the rationing threshold had not been reached (e.g., it
will not discharge VBUS or restart emulation).
Note:
If the rationing behavior was set to “Report
and
Disconnect”
when
the
charge
rationing threshold was reached, and then
the RTN_EN bit is cleared, the portable
device may start charging sub-optimally
because the charger emulation profile has
been removed. Toggle the PWR_EN
control to restart charger emulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com