Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 39 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 39 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 35Page - Microchip Technology UCS81003 Datasheet HTML 36Page - Microchip Technology UCS81003 Datasheet HTML 37Page - Microchip Technology UCS81003 Datasheet HTML 38Page - Microchip Technology UCS81003 Datasheet HTML 39Page - Microchip Technology UCS81003 Datasheet HTML 40Page - Microchip Technology UCS81003 Datasheet HTML 41Page - Microchip Technology UCS81003 Datasheet HTML 42Page - Microchip Technology UCS81003 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
 2014 Microchip Technology Inc.
DS20005334A-page 39
UCS81003
8.0
DETECT STATE
8.1
Device Attach/Removal Detection
The UCS81003 can detect the attachment and removal
of a portable device on the USB port. Attach and
Removal Detection does not perform any charger
emulation or qualification of the device. The high-speed
switch is “off” (by default) during the Detect power state.
8.2
VBUS Bypass Switch
The UCS81003 contains circuitry to provide VBUS
current as shown in Figure 8-1. In the Detect state, VDD
is the voltage source; in the Active state, VS is the
voltage source. The bypass switch and the port power
switch are never both on at the same time.
While the VBUS bypass switch is active, the current
available to a portable device will be limited to
IBUS_BYP, and the Attach Detection feature is active.
FIGURE 8-1:
Detect State VBUS Biasing.
8.3
Attach Detection
The primary Attach Detection feature is only active in
the Detect power state. When active, this feature
constantly monitors the current load on the VBUS pin. If
the current drawn by a portable device is greater than
IDET_QUAL for longer than tDET_QUAL, an Attach
Detection event occurs. This will cause the A_DET# pin
to assert low and the ADET_PIN and ATT status bits to
be set.
Until the port power switch is enabled, the current
available to a portable device will be limited to that used
to detect device attachment (IDET_QUAL). Once an
Attach Detection event occurs, the UCS81003 will wait
for the PWR_EN control to be enabled (if not already).
When PWR_EN is enabled and VS is above the
threshold, the UCS81003 will activate the USB port
power switch and operate in the selected Active mode
(see Section 9.0 “Active State”).
8.4
Removal Detection
The Removal Detection feature will be active in the
Active and Detect power states if S0 = ‘1’. This feature
monitors the current load on the VBUS pin. If this load
drops to less than IREM_QUAL_DET for longer than
tREM_QUAL, a Removal Detection event is flagged.
When this event occurs, the following will be performed:
1.
Disable the port power switch and the bypass
switch.
2.
De-assert the A_DET# pin and set the REM
status register bit.
3.
Enable an internal discharging device that will
discharge the VBUS line within tDISCHARGE.
4.
Once the VBUS pin has been discharged, the
device will return to the Detect state regardless
of the PWR_EN control state.
Port Power
Switch
VDD
VS
VS
VBUS
VBUS
Bypass
Switch
VS
VBUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com