Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCS81003 Datasheet(PDF) 10 Page - Microchip Technology

Part # UCS81003
Description  Automotive USB Port Power Controller with Charger Emulation
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

UCS81003 Datasheet(HTML) 10 Page - Microchip Technology

Back Button UCS81003 Datasheet HTML 6Page - Microchip Technology UCS81003 Datasheet HTML 7Page - Microchip Technology UCS81003 Datasheet HTML 8Page - Microchip Technology UCS81003 Datasheet HTML 9Page - Microchip Technology UCS81003 Datasheet HTML 10Page - Microchip Technology UCS81003 Datasheet HTML 11Page - Microchip Technology UCS81003 Datasheet HTML 12Page - Microchip Technology UCS81003 Datasheet HTML 13Page - Microchip Technology UCS81003 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
UCS81003
DS20005334A-page 10
 2014 Microchip Technology Inc.
Port Power Switch Operation With Trip Mode Current Limiting
Region 2 Current Keep-Out
IBUS_R2MIN
—0.12
—
A
Minimum VBUS Allowed at
Output
VBUS_MIN
1.5
2.0
2.25
V
Note 5
Port Power Switch Operation with Constant Current Limiting (Variable Slope)
Region 2 Current Keep-Out
IBUS_R2MIN
—1.68
—
A
Minimum VBUS Allowed at
Output
VBUS_MIN
1.5
2.0
2.25
V
Note 5
Current Measurement - DC
Current Measurement
Range
IBUS_M
0
—
2988.6
mA
Range 0 – 255 LSB
(see Note 4)
Reported Current
Measurement Resolution
DIBUS_M
—
11.72
—
mA
1 LSB
Current Measurement
Accuracy
—
±2
—
%
180 mA < IBUS < ILIM
—±2
—
LSB
IBUS < 180 mA
Current Measurement - AC
Sampling Rate
—
500
—
µs
Charge Rationing - DC
Accumulated Current
Measurement Accuracy
—±4.5
—
%
Charge Rationing - AC
Current Measurement
Update Time
tPCYCLE
—1
—
s
Attach/Removal Detection
VBUS Bypass - DC
On Resistance
RON_BYP
—50
—
Leakage Current
ILEAK_BYP
—
—
3
µA
Switch off, TA <+85°C, Note 2
Current Limit
IDE-
T_CHG/IBUS_BY
P
—2
—
mA
VDD = 5V and VBUS > 4.75V
Attach/Removal Detection - DC
Attach Detection Threshold
IDET_QUAL
—
800
—
µA
Programmable 200 – 1000 µA,
default listed.
TABLE 1-2:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: Unless otherwise specified, VDD = 4.5V to 5.5V, VS = 2.9V to 5.5V, VPULLUP = 3V to 5.5V,
TJ = -40°C to +125°C; all Typical values at VDD = VS = 5V, TJ = +27°C.
Characteristic
Sym.
Min.
Typ.
Max.
Unit
Conditions
Note 1:
For split supply systems using the Attach Detection feature, VS must not exceed VDD +150 mV.
2:
This parameter is ensured by design and is not 100% tested.
3:
This parameter is characterized, but not 100% production tested.
4:
The current measurement full-scale range maximum value is 3.0A. However, the UCS81003 cannot report
values above ILIM (if IBUS_R2MIN  ILIM) or above IBUS_R2MIN (if IBUS_R2MIN > ILIM and ILIM 1.68A).
5:
The Minimum and Maximum values represent the boundaries of a programmable range. Each value in the
range is typical.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com