Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 28 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 28 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 24Page - Microsemi Corporation VSC8504-02 Datasheet HTML 25Page - Microsemi Corporation VSC8504-02 Datasheet HTML 26Page - Microsemi Corporation VSC8504-02 Datasheet HTML 27Page - Microsemi Corporation VSC8504-02 Datasheet HTML 28Page - Microsemi Corporation VSC8504-02 Datasheet HTML 29Page - Microsemi Corporation VSC8504-02 Datasheet HTML 30Page - Microsemi Corporation VSC8504-02 Datasheet HTML 31Page - Microsemi Corporation VSC8504-02 Datasheet HTML 32Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 131 page
background image
Functional Descriptions
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
17
Using LPI, the usage model for the link is to transmit data as fast as possible and then return to a low
power idle state. Energy is saved on the link by cycling between active and low power idle states. During
LPI, power is reduced by turning off unused circuits and using this method, energy use scales with
bandwidth utilization.
The VSC8504-02 uses LPI to optimize power dissipation in 100BASE-TX and 1000BASE-T modes of
operation. In addition, the IEEE 802.3az-2010 standard defines a 10BASE-Te mode that reduces
transmit signal amplitude from 5 V peak-to-peak to approximately 3.3 V peak-to-peak. This mode
reduces power consumption in 10 Mbps link speed and fully interoperates with legacy 10BASE-T
compliant PHYs over 100 m Cat5 cable or better.
To configure the VSC8504-02 in 10BASE-Te mode, set register 17E2.15 to 1 for each port. Additional
energy efficient Ethernet features are controlled through Clause 45 registers. For more information, see
Design Considerations, page 116.
3.5.7
Ring Resiliency
Ring resiliency changes the timing reference between the master and slave PHYs without altering the
master/slave configuration in 1000BASE-T mode. The master PHY transmitter sends data based on the
local clock and initiates timing recovery in the receiver. The slave PHY instructs node to switch the local
timing reference to the recovered clock from other PHYs in the box, freezes timing recovery, and locks
clock frequency for the transmitter. The master PHY makes a smooth transition to transmission from
local clock to recovered clock after timing lock is achieved.
Ring resiliency can be used in synchronous Ethernet systems, because the local clocks in each node are
synchronized to a grandmaster clock.
Note: For ring resiliency to successfully exchange master/slave timing over 1000BASE-T, the link partner must
also support ring resiliency.
3.6
Automatic Media Sense Interface Mode
Automatic media sense (AMS) mode automatically sets the media interface to Cat5 mode or SerDes
mode. The active media mode chosen is based on the automatic media sense preferences set in the
device register 23, bit 11. The following illustration shows a block diagram of AMS functionality on ports 0
through 3 of the VSC8504-02 device.
Figure 19 •
Automatic Media Sense Block Diagram
When both the SerDes and Cat5 media interfaces attempt to establish a link, the preferred media
interface overrides a linkup of the nonpreferred media interface. For example, if the preference is set for
SerDes mode and Cat5 media establishes a link, Cat5 becomes the active media interface. However,
after the SerDes media interface establishes a link, the Cat5 interface drops its link because the
preference was set for SerDes mode. In this scenario, the SerDes preference determines the active
media source until the SerDes link is lost. Also, Cat5 media cannot link up unless there is no SerDes
TD
RD
Auto Sense
Logic
Cat5
Fiber Optic
Module
MAC
PHY port_n
SIGDET
SerDes
QSGMII/
SGMII
Serial MAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com