Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC8504-02 Datasheet(PDF) 66 Page - Microsemi Corporation

Part # VSC8504-02
Description  Quad-Port 10/100/1000BASE-T PHY with Synchronous Ethernet and QSGMII/SGMII MAC
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

VSC8504-02 Datasheet(HTML) 66 Page - Microsemi Corporation

Back Button VSC8504-02 Datasheet HTML 62Page - Microsemi Corporation VSC8504-02 Datasheet HTML 63Page - Microsemi Corporation VSC8504-02 Datasheet HTML 64Page - Microsemi Corporation VSC8504-02 Datasheet HTML 65Page - Microsemi Corporation VSC8504-02 Datasheet HTML 66Page - Microsemi Corporation VSC8504-02 Datasheet HTML 67Page - Microsemi Corporation VSC8504-02 Datasheet HTML 68Page - Microsemi Corporation VSC8504-02 Datasheet HTML 69Page - Microsemi Corporation VSC8504-02 Datasheet HTML 70Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
Registers
VMDS-10507 VSC8504-02 Datasheet Revision 4.2
55
The following information applies to the extended control and status bits:
•
When bit 22.15 is set, the link integrity state machine is bypassed and the PHY is forced into a link
pass status.
•
When bits 22.11:10 are set to 00, the squelch threshold levels are based on the IEEE standard for
10BASE-T. When set to 01, the squelch level is decreased, which can improve the bit error rate
performance on long loops. When set to 10, the squelch level is increased and can improve the bit
error rate in high-noise environments.
•
When bit 22.9 is set, all sticky register bits retain their values during a software reset. Clearing this
bit causes all sticky register bits to change to their default values upon software reset. Super-sticky
bits retain their values upon software reset regardless of the setting of bit 22.9.
•
When bit 22.0 is set, if a write to any PHY register (registers 0–31, including extended registers), the
same write is broadcast to all PHYs. For example, if bit 22.0 is set to 1 and a write to PHY0 is
executed (register 0 is set to 0x1040), all PHYs' register 0s are set to 0x1040. Table 18,
page 45Disabling this bit restores normal PHY write operation. Reads are still possible when this bit
is set, but the value that is read corresponds only to the particular PHY being addressed.
4.2.21
Extended PHY Control Set 1
The following table shows the settings available.
11:10
10BASE-T squelch control
R/W
Sticky bit.
00: Normal squelch
01: Low squelch
10: High squelch
11: Reserved
00
9
Sticky reset enable
R/W
Super-sticky bit.
1: Enabled
1
8
EOF Error
RO
This bit is self-clearing.
1: EOF error detected
0
7
10BASE-T disconnect state RO
This bit is self-clearing.
1: 10BASE-T link disconnect detected
0
6
10BASE-T link status
RO
1: 10BASE-T link active
0
5:1
Reserved
RO
Reserved
0
SMI broadcast write
R/W
Sticky bit.
1: Enabled
0
Table 39 •
Extended PHY Control 1, Address 23 (0x17)
Bit
Name
Access Description
Default
15:13 Reserved
R/W
Reserved
0
12
MAC interface mode R/W
Super-sticky bit.
0: SGMII
1: 1000BASE-X.
Note: Register 19G.15:14 must be = 00
for this selection to be valid.
0
11
AMS preference
R/W
Super-sticky bit.
1: Cat5 copper preferred.
0: SerDes fiber/SFP preferred.
0
Table 38 •
Extended Control and Status, Address 22 (0x16) (continued)
Bit
Name
Access Description
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com